Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8581PQI-10 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8581PQI-10
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581PQI-10 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8581PQI-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8581PQI-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RECEIVER LOGIC OPERATION
BIT TIMING
BIT RATE
PULSE RISE TIME
PULSE FALL TIME
PULSE WIDTH
Figure 2 shows a block diagram of the logic section of each receiver.
The ARINC 429 specification contains the following timing specifi-
cation for the received data:
100K BPS ± 1% 12K -14.5K BPS
1.5 ± 0.5 µsec
10 ± 5 µsec
1.5 ± 0.5 µsec
10 ± 5 µsec
5 µsec ± 5%
34.5 to 41.7 µsec
The HI-8581 and HI-8589 accept signals that meet these specifica-
tions and rejects outside the tolerances. The way the logic opera-
tion achieves this is described below:
1. Key to the performance of the timing checking logic is an ac-
curate 1MHz clock source. Less than 0.1% error is recom-
mended.
2. The sampling shift registers are 10 bits long and must show
three consecutive Ones, Zeros or Nulls to be considered valid
data. Additionally, for data bits, the One or Zero in the upper
bits of the sampling shift registers must be followed by a Null in
the lower bits within the data bit time.
For a Null in the word
gap, three consecutive Nulls must be found in both the upper
and lower bits of the sampling shift register. In this manner the
minimum pulse width is guaranteed.
HIGH SPEED
LOW SPEED
FUNCTIONAL DESCRIPTION (cont.)
3. Each data bit must follow its predecessor by not less than
8 samples and no more than 12 samples. In this manner the
bit rate is checked. With exactly 1MHz input clock frequency,
the acceptable data bit rates are as follows:
83K BPS
10.4K BPS
125K BPS
15.6K BPS
4. The Word Gap timer samples the Null shift register every
10 input clocks (80 for low speed) after the last data bit of a
valid reception. If the Null is present, the Word Gap counter
is incremented. A count of 3 will enable the next reception.
The receiver parity circuit counts Ones received, including the par-
ity bit, ARINC bit 32. If the result is odd, then "0" will appear in the
32nd bit.
HIGH SPEED
LOW SPEED
DATA BIT RATE MIN
DATA BIT RATE MAX
RECEIVER PARITY
RETRIEVING DATA
Once 32 valid bits are recognized, the receiver logic generates
an End of Sequence (EOS). If the receiver decoder is enabled
and the 9th and 10th ARINC bits match the control word pro-
gram bits or if the receiver decoder is disabled, then EOS clocks
the data ready flag flip flop to a "1",
or
(or both) will go
low. The data flag for a receiver will remain low until after
ARINC bytes from that receiver are retrieved. This is accom-
plished by first activating
with SEL, the byte selector, low to
retrieve the first byte and then activating
with SEL high to re-
trieve the second byte.
retrieves data from receiver 1 and
retrieves data from receiver 2.
If another ARINC word is received and a new EOS occurs before
the two bytes are retrieved, the data is overwritten by the new
word.
D/R1
D/R2
EN
EN
EN1
EN2
both
SEL
EN
D/R
DECODER
CONTROL
BITS
/
MUX
CONTROL
LATCH
ENABLE
CONTROL
32 TO 16 DRIVER
32 BIT LATCH
32 BIT SHIFT REGISTER
TO PINS
CONTROL
BIT BD14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
EOS
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
BITS9&10
FIGURE 2.
RECEIVER BLOCK DIAGRAM
HI-8581, HI-8589
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8581PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581PQI-10 HOLTIC-HI-8581PQI-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
More results

Similar Description - HI-8581PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com