Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8685PJIF-10 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8685PJIF-10
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PJIF-10 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8685PJIF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PJIF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HI-8685, HI-8686
ARINC Data Bits
Word Gap
28
29
30
31
32
1
2
4 Bit Periods Min.
VDIFF
RINA - RINB
0V
+10V
-10V
FIGURE 3 - RECEIVER INPUT TIMING FOR ARINC 429
DERIVED DATA
DERIVED CLOCK
ARINC Data Bits
Word Gap
28
29
30
31
32
1
2
4 Bit Periods Min.
TESTA
+5V
0V
TESTB
0V
+5V
DERIVED CLOCK
DERIVED DATA
FIGURE 5 - RECEIVER PARALLEL DATABUS TIMING
DATA RDY
READ
D0 - D15
VALID
t
RDYCLR
t
RDPW
t
RR
t
FD
t
RD
VALID
1st 16-bits
2nd 16-bits
t
DRDY
DERIVED DATA
TIMING DIAGRAMS
FIGURE 4 - TEST INPUT TIMING FOR ARINC 429
32nd
ARINC bit
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8685PJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PJIF-10 HOLTIC-HI-8685PJIF-10 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results

Similar Description - HI-8685PJIF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com