Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8684PJIF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8684PJIF
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8684PJIF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8684PJIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
.5035 ± .0075
(12.789 ± .191)
.4065 ± .0125
(10.325 ± .318)
.296 ± .003
(7.518 ± .076)
0° to 8°
.090 ± .010
(2.286 ± .254)
.0075 ± .0035
(.191 ± .089)
.050
(1.27) TYP
.018
(.457) TYP
SEE DETAIL A
DETAIL A
.033 ± .017
(.838 ± .432)
Package Type:
20-PIN PLASTIC SMALL OUTLINE (SOIC) - WB
(Wide Body)
20HW
.0105 ± .0015
(.2667 ± .0381)
.152 ± .002
(.3.861 ± .051)
PIN NO. 1 IDENT
.045 x 45°
.354 ± .002
(8.991 ± .051)
.390 ± .005
(9.906 ± .127)
SQ.
SQ.
SEE DETAIL
A
.017 ±.004
(.432 ±.102)
DETAIL A
.020 MIN
(.508 MIN
.015 ± .002
(.381 ± .051)
.050 ± .003
(1.27 ± .075)
)
.026 ± .003 x 30°
(.660 ± .076 x 30°)
.035 R
(.889 R)TYP
.010 ± .0003
(.256 ± .0076)
.020 MIN
(.508 MIN)
.320 ± .010
(8.128 ± .254)
inches (millimeters)
Package Type:
20-PIN PLASTIC PLCC
20J
HI-8683, HI-8684 PACKAGE DIMENSIONS
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI-8684PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8684PJIF HOLTIC-HI-8684PJIF Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8684PJIF-10 HOLTIC-HI-8684PJIF-10 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
More results

Similar Description - HI-8684PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com