Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8685PJTF-10 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8685PJTF-10
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PJTF-10 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8685PJTF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PJTF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HI-8685, HI-8686
ERROR CHECKING
READING RECEIVE BUFFER
Once a word gap is detected, the data word in the input
register is transferred to the receive buffer and checked
for errors.
When parity detection is enabled (PARITY ENB high), the
received word is checked for odd parity. If there is a parity
error, the 32nd bit of the received data word is set high.
If parity checking is disabled (PARITY ENB low) the 32nd
bit of the data word is always the 32nd ARINC bit re-
ceived.
The ERROR flag output is set high upon receipt of a word
gap and the number of bits received since the previous
word gap is less than or greater than 32. The ERROR flag
is reset low when the next valid ARINC word is written into
the receive buffer or when
is pulsed low.
When the data word is transferred to the receive buffer,
the DATA RDY pin goes high. The data word can then be
read in two 16-bit bytes by pulsing the
input low as
indicated in Figure 5.
The first read cycle resets
DATARDY low and increments an internal counter to the
second 16-bit byte. The relationship between each bit of
an ARINC word received and each bit of the two 16-bit
data bus bytes is specified in Figure 2.
When a new ARINC word is received it always overwrites
the receive buffer. If the first byte of the previous word
has not been read, then previous data is lost and the
receive buffer will contain the new ARINC word. How-
ever, if the DATARDY pin goes high between the reading
of the first and second bytes, the first byte is no longer
valid because the corresponding second byte has been
overwritten by the new ARINC word. Also, the next read
will be of the first byte of the new ARINC word since the
internal byte counter is always reset to the first byte when
new data is transferred to the receive buffer.
RESET
READ
FUNCTIONAL DESCRIPTION (cont.)
TRUTH TABLE 1.
RINA (-10)
RINB (-10)
TESTA
TESTB
RXA
RXB
-1.50V to +1.50V
-1.50V to +1.50V
0
0
0
0
-3.25V to -6.50V
+3.25V to +6.50V
0
0
0
1
+3.25V to +6.50V
-3.25V to -6.50V
0
0
1
0
X
X
0
101
X
X
1
010
X
X
1
100
X = don't care
Read
Byte
Data Bus Bits
ARINC Bits
1st
Byte 1
D0 - D15
ARINC 1 - ARINC 16
2nd
Byte 2
D0 - D15
ARINC 17 - ARINC 32
FIGURE 2. ORDER OF RECEIVED DATA
RESET
TEST MODE
A low on the
input sets a flip-flop which initializes
the internal logic. When
goes high, the internal
logic remains in the initialized state until the first word gap
is detected preventing reception of a partial word.
The built-in differential line receiver can be disabled allow-
ing the data and clock detection circuitry to be driven di-
rectly with digital signals. The logical OR function of the
TESTA and TESTB is defined in Truth Table 1. The two in-
puts can be used for testing the receiver logic and for input-
ting ARINC 429 type data derived from another source / pro-
tocol. See Figure 4 for typical test input timing.
The device should always be initialized with
imme-
diately after entering the test mode to clear a partial word
that may have been received since the last word gap. Oth-
erwise, an ERROR condition may occur and the first 32 bits
of data on the test inputs may not be properly received.
Also, when entering the test mode, both TESTA and
TESTB should be set high and held in that state for at least
one word gap period (17 gap clocks) after
goes
high.
When exiting the test mode, both test inputs should be held
low and the device initialized with
RESET
RESET
RESET
RESET
RESET.
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8685PJTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PJTF-10 HOLTIC-HI-8685PJTF-10 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results

Similar Description - HI-8685PJTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com