Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27000 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ27000
Description  SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27000_06 Datasheet HTML 2Page - Texas Instruments BQ27000_06 Datasheet HTML 3Page - Texas Instruments BQ27000_06 Datasheet HTML 4Page - Texas Instruments BQ27000_06 Datasheet HTML 5Page - Texas Instruments BQ27000_06 Datasheet HTML 6Page - Texas Instruments BQ27000_06 Datasheet HTML 7Page - Texas Instruments BQ27000_06 Datasheet HTML 8Page - Texas Instruments BQ27000_06 Datasheet HTML 9Page - Texas Instruments BQ27000_06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
BQ27000
DRK PACKAGE
(BOTTOM VIEW)
RBI
VCC
VSS
D/C
HDQ
1
2
3
4
5
11
10
9
8
7
6
PGM GPIO
SRP
SRN
BAT
RBI
VCC
VSS
SCL
SDA
1
2
3
4
5
11
10
9
8
7
6
PGM GPIO
SRP
SRN
BAT
bq27000DRK
bq27200DRK
BQ27200
DRK PACKAGE
(BOTTOM VIEW)
DEVICE INFORMATION
bq27000, bq27200
SLUS556D – SEPTEMBER 2004 – REVISED MARCH 2006
TIMING DIAGRAMS (continued)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
bq27000
bq27200
BAT
6
6
I
Battery voltage sense input
D/C
4
-
-
Do not connect. Must be left floating or tied to VSS
GPIO
9
9
I/O
General purpose input/output
HDQ
5
-
I/O
Single wire HDQ serial interface
PGM
10
10
I
EEPROM programming voltage input
RBI
1
1
I
Register back-up input
SCL
-
4
I
Serial clock input (I2C)
SDA
-
5
I/O
Serial data input (I2C)
SRN
7
7
I
Current sense input (negative)
SRP
8
8
I
Current sense input (positive)
VCC
2
2
I
VCC supply input
VSS
3
3
-
Ground input
VSS
11
11
-
Ground shield
6
Submit Documentation Feedback


Similar Part No. - BQ27000_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27000_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com