Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27350PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27350PW
Description  Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27350PW Datasheet(HTML) 1 Page - Texas Instruments

  BQ27350PW Datasheet HTML 1Page - Texas Instruments BQ27350PW Datasheet HTML 2Page - Texas Instruments BQ27350PW Datasheet HTML 3Page - Texas Instruments BQ27350PW Datasheet HTML 4Page - Texas Instruments BQ27350PW Datasheet HTML 5Page - Texas Instruments BQ27350PW Datasheet HTML 6Page - Texas Instruments BQ27350PW Datasheet HTML 7Page - Texas Instruments BQ27350PW Datasheet HTML 8Page - Texas Instruments BQ27350PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
1
INTRODUCTION
1.1 FEATURES
1.2
APPLICATIONS
1.3
DESCRIPTION
PACK+
SCLK
SDATA
LDO
PACK-
*
*OptionalThermistor
Single-Cell
Protector
bq27350
ImpedanceTrack™
SHA-1/HMAC
Authenticationand
Manufacturing
DataStorage
bq26100
SHA-1/HMAC
Authentication
(optional)
bq27350
Single Cell Li-Ion Battery Manager
With Impedance Track Fuel Gauge Technology
SLUS754 – MARCH 2007
• Comprehensive Battery Fuel Gauge for Single
• POS Terminals
Cell and 1-Series Li-Ion Applications
• Industrial Data Collection
• Secure Battery Authentication Using
• Smartphones
SHA-1/HMAC Encryption
• PDAs
• Calculates and Reports
• Digital Cameras
Remaining Battery Capacity
• Handheld Terminals
Battery Voltage and Temperature
Charge and Discharge Current
Four Time-to-Empty Predictions
• Battery Fuel Gauge Based on Patented
The Texas Instruments’ bq27350 is a battery fuel
Impedance Track™ Technology
gauge with secure authentication support for single
Models the Battery Discharge Curve for
cell Li-Ion battery packs. Designed for battery pack
Accurate Time-to-Empty Predictions
integration,
the
device
requires
little
host
Automatically Adjusts for Battery Aging,
microcontroller firmware support for implementation.
Battery Self Discharge, and
The system host processor communicates with the
Temperature/Rate Inefficiencies
bq27350 over an I2C interface to obtain remaining
Low Value Sense Resistor (10m
Ω or Less)
battery capacity, system run-time predictions, and
• 96-Bytes Non-Volatile Scratch Pad Data
other critical battery information.
Memory
The bq27350 uses the patented Impedance Track™
• I2C Communications Interface to the Host
algorithm for its fuel gauging. The gauge provides
• 20-Pin TSSOP Package
information such as state-of-charge (%), run-time to
empty (min.), charge time to full (min.), battery
voltage (V), and pack temperature (
°C).
The bq27350 also features both integrated and
external
support
for
secure
battery
pack
authentication, using the SHA-1/HMAC authentication
algorithm.
TYPICAL IMPLEMENTATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ27350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320YZFR TI1-BQ27320YZFR Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320YZFT TI1-BQ27320YZFT Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results

Similar Description - BQ27350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com