Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8783PSTF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8783PSTF
Description  ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8783PSTF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8783PSTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8783PSTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Voltage
V
4.75
5
5.25
V
Min. Input Voltage
(HI)
V
2.0
1.4
V
Max. Input Voltage
(LO)
V
1.4
0.8
V
Min. Input Current
(HI)
I
V
= 4.9V
1
µA
Max. Input Current
(LO)
I
V
= 0.1V
-1
µA
Min. Output Voltage
(HI)
V
I
= -1.6mA
2.7
V
Max. Output Voltage
(LO)
V
I
= 1.6mA
0.4
V
Operating Current Drain
I
f = 100khz
0.8
2.8
mA
Input Capacitance
C
Not tested
20
pF
CC
CC
IH
IL
IH
IH
IL
IL
OH
OUT
IH
OUT
IN
VCC = 5.0V, V
= 0V, T = Operating Temperature Range (unless otherwise specified).
SS
A
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Voltages referenced to Ground
Supply voltages
V+.................................................12.5V
V-.................................................-12.5V
DC current per input pin................ +10ma
Power dissipation at 25°
plastic DIL............1.0W, derate 10mW/°C
ceramic DIL..........0.5W, derate 7mW/°C
Solder Temperature ........275°C for 10 sec
Storage Temperature........-65°C to +150°C
VCC.................................................. 7V
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to the
device. These are stress ratings only. Operation at
the limits is not recommended.
Supply Voltages
V+.......................................+10V... ±5%
V-........................................ -10V... ±5%
Temperature Range
Industrial Screening.........-40°C to +85°C
Hi-Temp Screening........-55°C to +125°C
Military Screening..........-55°C to +125°C
VCC....................................... 5V... ±5%
DC ELECTRICAL CHARACTERISTICS (HI-8783, HI-8784 and HI-8785)
HI-8783, HI-8784, HI-8785
5V
0V
5V
0V
phlx
t
phlx
t
plhx
t
plhx
t
DATA ONE
DATA ZERO
0V
10V
-10V
rx
t
10%
90%
tt
10%
90%
t rx
t
10%
t fx
t
fx
DIFFERENTIAL VOLTAGE
TXAOUT - TXBOUT
LINE DRIVER OUTPUTS
XMT CLK
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8783PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783PSTF HOLTIC-HI-8783PSTF Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Similar Description - HI-8783PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com