Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA316-800C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA316-800C
Description  16 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316-800C Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA316-800C Datasheet HTML 1Page - NXP Semiconductors BTA316-800C Datasheet HTML 2Page - NXP Semiconductors BTA316-800C Datasheet HTML 3Page - NXP Semiconductors BTA316-800C Datasheet HTML 4Page - NXP Semiconductors BTA316-800C Datasheet HTML 5Page - NXP Semiconductors BTA316-800C Datasheet HTML 6Page - NXP Semiconductors BTA316-800C Datasheet HTML 7Page - NXP Semiconductors BTA316-800C Datasheet HTML 8Page - NXP Semiconductors BTA316-800C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA316_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
2 of 12
NXP Semiconductors
BTA316 series B and C
16 A Three-quadrant triacs high commutation
3.
Ordering information
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The
rate of rise of current should not exceed 15 A/
µs.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BTA316-600B
SC-46
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
BTA316-600C
BTA316-800B
BTA316-800C
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA316-600B; BTA316-600C
[1] -
600
V
BTA316-800B; BTA316-800C
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 101 °C; see
Figure 4 and 5
-16
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
140
A
t = 16.7 ms
-
150
A
I2tI2t for fusing
t = 10 ms
-
98
A2s
dIT/dt
rate of rise of on-state current
ITM = 20 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
2
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.5
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C


Similar Part No. - BTA316-800C

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA316-800C WEEN-BTA316-800C Datasheet
236Kb / 13P
   3Q Hi-Com Triac
BTA316-800CT WEEN-BTA316-800CT Datasheet
370Kb / 12P
   3Q Triac
More results

Similar Description - BTA316-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com