Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8589PQTF-10 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8589PQTF-10
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8589PQTF-10 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8589PQTF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8589PQTF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ARINC 429 DATA FORMAT
The following table shows the bit positions in exchanging data with
the receiver or the transmitter. ARINC bit 1 is the first bit
transmitted or received.
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
10
9
31
30
32
12345678
BIT
BYTE 1
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
DATA
BUS
FUNCTION
CONTROL
DESCRIPTION
PIN
If enabled, the transmitter’s digital
BDO5
SELF TEST
0 = ENABLE
outputs are internally connected
to the receiver logic inputs
RECEIVER 1
If enabled, ARINC bits 9 and,
BDO6
DECODER
1 = ENABLE
10 must match the next two
control word bits
If Receiver 1 Decoder is
BDO7
-
-
enabled, the ARINC bit 9
must match this bit
If Receiver 1 Decoder is
BDO8
-
-
enabled, the ARINC bit 10
must match this bit
RECEIVER 2
If enabled, ARINC bits 9 and
BDO9
DECODER
1 = ENABLE
10 must match the next two
Control word bits
If Receiver 2 Decoder is
BD10
-
-
enabled, then ARINC bit 9
must match this bit
If Receiver 2 Decoder is
BD11
-
-
enabled, then ARINC bit 10
must match this bit
INVERT
Logic 0 enables normal odd parity
BD12
XMTR
1 = ENABLE
and Logic 1 enables even parity
PARITY
output in transmitter 32nd bit
BD13
XMTR DATA
0 = ÷10
CLK is divided either by 10 or
CLK SELECT
1 = ÷80
80 to obtain XMTR data clock
BD14
RCVR DTA
0 = ÷10
CLK is divided either by 10 or
CLK SELECT
1 = ÷80
80 to obtain RCVR data clock
FUNCTIONAL DESCRIPTION
vcc
vcc
GND
GND
429DI1 (B)
429DI2 (B)
OR
429DI1 (A)
429DI2 (A)
OR
DIFFERENTIAL
AMPLIFIERS
ONES
COMPARATORS
NULL
ZEROES
FIGURE 1.
ARINC RECEIVER INPUT
CONTROL WORD REGISTER
Both the HI-8581and HI-8589 contain 10 data flip flops whose
D inputs are connected to the data bus and clocks connected to
. Each flip flop provides options to the user as follows:
CWSTR
THE RECEIVERS
ARINC BUS INTERFACE
Figure 1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
The HI-8581 and HI-8589 guarantee recognition of these levels with
a common mode Voltage with respect to GND less than ±4V for the
worst case condition (4.75V supply and 13V signal level).
The tolerances in the design guarantee detection of the above
levels, so the actual acceptance ranges are slightly larger. If the
ARINC signal is out of the actual acceptance ranges, including the
nulls, the chip rejects the data.
STATE
DIFFERENTIAL VOLTAGE
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
HI-8581, HI-8589
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8589PQTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8589PQTF-10 HOLTIC-HI-8589PQTF-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
More results

Similar Description - HI-8589PQTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com