Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AQ5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS3L02AQ5
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AQ5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS3L02AQ5 Datasheet HTML 4Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 5Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 6Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 7Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 8Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 9Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 10Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 11Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2 Mechanical and Electrical Specifications
LIS3L02AQ5
8/15
CD00059677
2.3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 4.
Absolute maximum ratings
2.4
Terminology
Sensitivity describes the gain of the sensor and can be determined by applying 1g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the earth, note the output value, rotate the
sensor by 180 degrees (point to the sky) and note the output value again thus applying ±1g
acceleration to the sensor. Subtracting the larger output value from the smaller one and dividing
the result by 2 will give the actual sensitivity of the sensor. This value changes very little over
temperature (see sensitivity change vs. temperature) and also very little over time. The
Sensitivity Tolerance describes the range of Sensitivities of a large population of sensors.
Zero-g level describes the actual output signal if there is no acceleration present. A sensor in a
steady state on a horizontal surface will measure 0g in X axis and 0g in Y axis whereas the Z
axis will measure +1g. The output is ideally for a 5.0V powered sensor Vdd/2 = 2500mV. A
deviation from ideal 0-g level (2500mV in this case) is called Zero-g offset. Offset of precise
MEMS sensors is to some extend a result of stress to the sensor and therefore the offset can
slightly change after mounting the sensor onto a printed circuit board or exposing it to extensive
mechanical stress. Offset changes little over temperature - see "Zero-g level change vs.
temperature" - the Zero-g level of an individual sensor is very stable over lifetime. The Zero-g
level tolerance describes the range of zero-g levels of a population of sensors.
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage
-0.3 to 7
V
Vin
Input Voltage on Any Control pin (FS, PD, ST)
-0.3 to Vdd +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=3.3V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Not powered)
3000g for 0.5 ms
10000g for 0.1 ms
TSTG
Storage Temperature Range
-40 to +125
°C
ESD
Electrostatic Discharge Protection
2KV HBM
200V MM
1500V CDM
This is a Mechanical Shock sensitive device, improper handling can cause
permanent damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages
to the part


Similar Part No. - LIS3L02AQ5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
LIS3L02AQ3TR STMICROELECTRONICS-LIS3L02AQ3TR Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
More results

Similar Description - LIS3L02AQ5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AS4 STMICROELECTRONICS-LIS3L02AS4 Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AQ3 STMICROELECTRONICS-LIS2L02AQ3 Datasheet
227Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS344ALH_0804 STMICROELECTRONICS-LIS344ALH_0804 Datasheet
220Kb / 19P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com