Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21555 Datasheet(PDF) 1 Page - Intel Corporation

Part # 21555
Description  Non-Transparent PCI-to-PCI Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21555 Datasheet(HTML) 1 Page - Intel Corporation

  21555 Datasheet HTML 1Page - Intel Corporation 21555 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21555 Non-Transparent
PCI-to-PCI Bridge
Revolutionary Bridge Technology for Intelligent I/O
and Embedded Applications
Intel’s 21555 Non-Transparent PCI-to-PCI
bridge chip enables add-in card vendors to
deliver high-performance, intelligent option
cards and embedded products that previously
were not possible. Designed specifically for
applications where a processor is used behind a
PCI-to-PCI bridge, the 21555 provides a clean
architecture for creating a product with multiple
processor domains.
Product Highlights
s
Non-Transparent PCI-to-PCI bridge
technology for high-performance embedded
and intelligent I/O applications
s
Independent address spaces and asynchronous
clocks deliver unparalleled application
flexibility
s
64-bit primary and secondary bus interfaces
deliver high performance for data-intensive
applications
s
Compliant with ACPI and PCI bus power
management specifications
s
Secondary bus arbitration support for up to
nine bus master devices
s
Evaluation Design Kit speeds time-to-market
s
Fully compliant with Revision 2.
3 of the PCI
specification including delayed transactions
s
Available in 33 and 66 MHz
product brief
Product Overview
Efficient Management of System and
Subsystem Resources
A Unique Bridge Architecture
developer.intel.com
The 21555 provides independent primary and
secondary address spaces, which allow
independent host and local address mapping.
With this key feature, local memory requirements
need not impact the host address map. The 21555
performs address translation between the primary
and secondary buses, resolving address resource
conflicts between the host and local address
domains.
Featuring a subsystem PCI configuration
boundary, the 21555 allows the local processor to
have complete PCI configuration control of
subsystem devices, without host interference. This
advanced feature also allows the 21555 to present
a subsystem, such as a RAID controller, as a
single virtual PCI device. An added benefit of
this design is the ability to easily identify a single
device driver for the entire subsystem. Another
feature of the 21555, a serial ROM interface,
allows manufacturers to customize the 21555 for
a particular application by pre-loading the ROM
with vendor-specific configuration data.
Intel’s 21555 is a unique new Non-Transparent
PCI-to-PCI bridge solution. The 21555 provides
designers of intelligent controllers and
embedded systems with a Non-Transparent PCI-
to-PCI bridge solution capable of resolving
resource conflicts between a PCI-based host
system and a PCI-based subsystem. This gives a
local processor maximum flexibility in mapping
and managing subsystem resources.


Similar Part No. - 21555

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2155587-1 TEC-2155587-1 Datasheet
562Kb / 4P
   Please be sure to read this operation manual before working.
2155588-1 TEC-2155588-1 Datasheet
562Kb / 4P
   Please be sure to read this operation manual before working.
2155589-1 TEC-2155589-1 Datasheet
562Kb / 4P
   Please be sure to read this operation manual before working.
More results

Similar Description - 21555

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
   Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6540 PLX-PCI6540 Datasheet
290Kb / 1P
   Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
   Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
   Transparent FastLane??PCI-X -to- PCI-X Bridge
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
[Old version datasheet]   PCI-TO-PCI BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com