Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202-910-1160G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 202-910-1160G
Description  Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202-910-1160G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 202-910-1160G Datasheet HTML 6Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 7Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 8Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 9Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 10Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 11Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 12Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 13Page - List of Unclassifed Manufacturers 202-910-1160G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
RDM: Solder / Solder, Semi-Rigid Cable
Winchester/Retconn
400 Park Road • Watertown, Connecticut 06795-5000 • Phone: (860) 945-5000 • FAX: (860) 945-3950 • Internet: http://www.litton-wed.com
Part Number
Cable
200-510-0470G
.047 SR
200-510-0850G
.085 SR
200-510-1410G
.141 SR
• See page 81 for cable assembly procedures: CAP 5-09
• Part number shown is for standard gold plating.
• For military finish change suffix to “H”.
• For commercial finish change suffix to “C”.
Part Number
Cable
“A”DIM
202-510-0470G
.047 SR
.29
202-510-0850G
.085 SR
.35
202-510-1410G
.141 SR
.35
• See page 82 for cable assembly procedures: CAP 5-10
• Part number shown is for standard gold plating.
• For military finish change suffix to “H”.
• For commercial finish change suffix to “C”.
Straight Plug
Right Angle
Plug
DS/10
Part Number
Cable
“A”DIM
203-510-0470G
.047 SR
.29
203-510-0850G
.085 SR
.35
203-510-1410G
.141 SR
.35
Right Angle
Receptacle
• See page 82 for cable assembly procedures: CAP 5-10
• Part number shown is for standard gold plating.
• For military finish change suffix to “H”.
• For commercial finish change suffix to “C”.
Part Number
Cable
201-510-0470G
.047 SR
201-510-0850G
.085 SR
201-510-1410G
.141 SR
• See page 81 for cable assembly procedures: CAP 5-09
• Part number shown is for standard gold plating.
• For military finish change suffix to “H”.
• For commercial finish change suffix to “C”.
Straight
Receptacle
RDM: Solder / Solder, Flexible Cable
Part Number
Cable
“A” DIM
201-510-0360G
RG- 178, 196
.93
201-510-0630G
RG- 316, 188
.93
201-510-1070G
RG- 180, 195
1.03
201-510-1160G
RG- 141, 58
1.03
201-510-1161G
RG- 142, 223
1.03
• See page 79 for cable assembly procedures: CAP 5-07
• Part number shown is for standard gold plating.
• For military finish change suffix to “H”.
• For commercial finish change suffix to “C”.
Straight
Receptacle
Dimensions shown are in inches.


Similar Part No. - 202-910-1160G

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
202-910-1070H WINCHESTER-202-910-1070H Datasheet
55Kb / 1P
   RDM RIght Angle Plug
More results

Similar Description - 202-910-1160G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Molex Electronics Ltd.
987651-1642 MOLEX-987651-1642 Datasheet
195Kb / 2P
   SMPM RF Blind-Mate Connectors
2018.08
logo
XP Power Limited
GFR XPPOWER-GFR Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
GFR1K5 XPPOWER-GFR1K5 Datasheet
3Mb / 29P
   1U Blind-Mate Hotswap Redundant
logo
ERNI Electronics
354182 ERNI-354182 Datasheet
102Kb / 1P
   M01 MSpeed Blind Mate 50 THR
100200750002 ERNI-100200750002 Datasheet
114Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
354183 ERNI-354183 Datasheet
106Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
354184 ERNI-354184 Datasheet
100Kb / 1P
   M02 MSpeed Blind Mate 50 THR
354185 ERNI-354185 Datasheet
91Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com