Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-15530PST Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-15530PST
Description  5V / 3.3V Manchester Encoder / Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530PST Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-15530PST Datasheet HTML 4Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 5Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 6Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 7Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 8Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 9Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 10Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 11Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HOLT INTEGRATED CIRCUITS
9
HI-15530
ADDITIONAL PIN CONFIGURATIONS (See page 3-35 for 24-Pin Small Outline SSOP)
VALID WORD
1
ENCODER SHIFT CLK
2
TAKE DATA
3
SERIAL DATA OUT
4
DECODER CLK
5
BIPOLAR ZERO IN
6
BIPOLAR ONE IN
7
UNIPOLAR DATA IN
8
DECODER SHIFT CLK
9
COMMAND /
SYNC 10
DECODER RESET 11
GND 12
DATA
24 VDD
23 ENCODER CLK
22 SEND CLK IN
21 SEND DATA
20 SYNC SELECT
19 ENCODER ENABLE
18 SERIAL DATA IN
17
16
15
14
6 OUT
13 MASTER RESET
BIPOLAR ONE OUT
OUTPUT INHIBIT
BIPOLAR ZERO OUT
¸
28 - Pin Ceramic LCC
24 - Pin Ceramic Side-Brazed DIP
4
3
2
1 28 27 26
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
SEND DATA
N/C
N/C
SYNC SELECT
ENCODER ENABLE
SERIAL DATA IN
BIPOLAR ONE OUT
DECODER CLK
N/C
N/C
BIPOLAR ZERO IN
BIPOLAR ONE IN
UNIPOLAR DATA IN
DECODER SHIFT CLOCK
HI-15530CLI
HI-15530CLT
HI-15530CLM
HI-15530CDI
HI-15530CDT
HI-15530CDM
ORDERING INFORMATION
HI -
(Plastic)
15530PS x x
PACKAGE
DESCRIPTION
24 PIN PLASTIC SSOP
PART
NUMBER
15530PS
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Blank
Tin / Lead (Sn / Pb) Solder
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
T
I
-55°C TO +125°C
YES
M
M
See next page for Ceramic package style Ordering Information


Similar Part No. - HI-15530PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530PST HOLTIC-HI-15530PST Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
More results

Similar Description - HI-15530PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_08 Datasheet
96Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530_13 Datasheet
91Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com