Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C10W Datasheet(PDF) 3 Page - Won-Top Electronics

Part # BZX84C10W
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C10W Datasheet(HTML) 3 Page - Won-Top Electronics

  BZX84C10W Datasheet HTML 1Page - Won-Top Electronics BZX84C10W Datasheet HTML 2Page - Won-Top Electronics BZX84C10W Datasheet HTML 3Page - Won-Top Electronics BZX84C10W Datasheet HTML 4Page - Won-Top Electronics BZX84C10W Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZX84C2V4W – BZX84C51W
3 of 5
© 2006 Won-Top Electronics
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
400
T , AMBIENT TEMPERATURE, °C
Fig. 1. Power Derating Curve
A
See Note 1
200
100
300
0
500
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15


Similar Part No. - BZX84C10W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C10W PANJIT-BZX84C10W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZX84C10W LUGUANG-BZX84C10W Datasheet
249Kb / 3P
   Zener Diode
logo
Diodes Incorporated
BZX84C10W DIODES-BZX84C10W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Yea Shin Technology Co....
BZX84C10W YEASHIN-BZX84C10W Datasheet
755Kb / 3P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX84C10W MCC-BZX84C10W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
More results

Similar Description - BZX84C10W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com