Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

260-910-1161G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 260-910-1161G
Description  Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

260-910-1161G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  260-910-1161G Datasheet HTML 1Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 2Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 3Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 4Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 5Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 6Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 7Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 8Page - List of Unclassifed Manufacturers 260-910-1161G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Winchester/Retconn
400 Park Road • Watertown, Connecticut 06795-5000 • Phone: (860) 945-5000 • FAX: (860) 945-3950 • Internet: http://www.litton-wed.com
31 SERIES: Specifications & Interface Dimensions
MECHANICAL:
Materials:
Bodies, Plugs: Brass per ASTM B16, 1/2 HD
Bodies, Receptacles: Beryllium Copper per ASTM B196
Female Contacts: Beryllium Copper per ASTM B196
Male Contacts: Brass per ASTM B16, 1/2 HD
Insulators: Teflon per ASTM D1710
Crimp Ferrule: Annealed Copper Alloy
Clip Ring: Beryllium Copper per ASTM B194
Finish:
Body: Gold Plated per MIL-G-45204
Center Contact: Gold Plated per MIL-G-45204
Clip Ring: Nickel Plated per QQ-N-290
MATING CHARACTERISTICS:
Receptacles, Outer Contact:
3 lbs. Maximum Insertion on a .1530 +.0001/-.0000 Dia. Pin
and a 4 oz. Minimum Withdrawl on a .1500 +.0000/-.0001 Dia. Pin
Plugs, Center Contact:
16 oz. Maximum Insertion on a .0410 +.0001/-.0000 Dia. Pin and
a .5 oz. Minimum Withdrawl on a .0390 +.0000/-.0001 Dia. Pin
Retention in Shell: 15 lbs. Minimum
ELECTRICAL:
Impedance: 50 Ohms Nominal
Frequency Range: 0 to 5.0 GHz
Insulation Resistance: 5000 Megaohms Minimum
Contact Resistance: (Milliohms maximum)
Center Contact: 5.0
Outer Contact: 3.0
Voltage Standing Wave Ratio: 0 to 5.0 GHz
Straight Connector: 1.15 +.02F GHz on RG-316 Cable
Straight Connector: 1.15 +.01F GHz on .141 Dia. Semi-Rigid
Cable
ENVIRONMENTAL:
Operating Temperature: -55ºC to +125ºC
Vibration: MIL-STD-202, Method 204, Test Condition D
Shock: MIL-STD-202, Method 213, Test Condition I
Corrosion Resistance: MIL-STD-202, Method 101, Condition B
GENERAL INFORMATION:
31 Series Coaxial Contacts fit all D-Subminiature Connectors and
are interchangeable with other manufacturer’s product. Available
in crimp or solder cable terminations.
DS/4
Plug Interface
Receptacle Interface


Similar Part No. - 260-910-1161G

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
260-910-1161G WINCHESTER-260-910-1161G Datasheet
55Kb / 1P
   RDM CRIMP PLUG
More results

Similar Description - 260-910-1161G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Molex Electronics Ltd.
987651-1642 MOLEX-987651-1642 Datasheet
195Kb / 2P
   SMPM RF Blind-Mate Connectors
2018.08
logo
XP Power Limited
GFR XPPOWER-GFR Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
GFR1K5 XPPOWER-GFR1K5 Datasheet
3Mb / 29P
   1U Blind-Mate Hotswap Redundant
logo
ERNI Electronics
354182 ERNI-354182 Datasheet
102Kb / 1P
   M01 MSpeed Blind Mate 50 THR
100200750002 ERNI-100200750002 Datasheet
114Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
354183 ERNI-354183 Datasheet
106Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
354184 ERNI-354184 Datasheet
100Kb / 1P
   M02 MSpeed Blind Mate 50 THR
354185 ERNI-354185 Datasheet
91Kb / 1P
   M09 MSpeed Blind Mate 50 SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com