Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ175 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SZ175
Description  TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ175 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SZ175_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ175_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SZ175_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ175L6X FAIRCHILD-NC7SZ175L6X Datasheet
105Kb / 9P
   TinyLogic UHS D-Type Flip-Flop
logo
ON Semiconductor
NC7SZ175L6X ONSEMI-NC7SZ175L6X Datasheet
1Mb / 10P
   TinyLogic UHS D-Type Flip-Flop
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ175P6X FAIRCHILD-NC7SZ175P6X Datasheet
105Kb / 9P
   TinyLogic UHS D-Type Flip-Flop
logo
ON Semiconductor
NC7SZ175P6X ONSEMI-NC7SZ175P6X Datasheet
1Mb / 10P
   TinyLogic UHS D-Type Flip-Flop
October-2017, Rev. 2
More results

Similar Description - NC7SZ175_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
NC7SZ374 ONSEMI-NC7SZ374 Datasheet
258Kb / 11P
   TinyLogic UHS D-Type Flip-Flop
Revised October 2004
NC7SZ175 ONSEMI-NC7SZ175 Datasheet
1Mb / 10P
   TinyLogic UHS D-Type Flip-Flop
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175 Datasheet
105Kb / 9P
   TinyLogic UHS D-Type Flip-Flop
NC7SZ74 FAIRCHILD-NC7SZ74 Datasheet
211Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
   D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
logo
Texas Instruments
SN74LVC1G175 TI1-SN74LVC1G175_15 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
NC7SZ374 FAIRCHILD-NC7SZ374 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
NC7SZ374 FAIRCHILD-NC7SZ374_04 Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com