Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ157P6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SZ157P6X
Description  TinyLogic UHS 2-Input Non-Inverting Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ157P6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SZ157P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500359
www.fairchildsemi.com
April 2000
Revised August 2004
NC7SZ157
TinyLogic
 UHS 2-Input Non-Inverting Multiplexer
General Description
The NC7SZ157 is a single, high performance, 2 to 1
CMOS non-inverting multiplexer from Fairchild’s Ultra High
Speed Series of TinyLogic
. The device is fabricated with
advanced CMOS technology to achieve ultra high speed
with high output drive while maintaining low static power
dissipation over a broad VCC operating range. The device
is specified to operate over the 1.65V to 5.5V VCC operat-
ing range. The inputs and outputs are high impedance
when VCC is 0V. Inputs tolerate voltages up to 5.5V inde-
pendent of VCC operating range.
Features
s Space saving SC70-6 lead surface mount package
s Ultra Small MicroPak
 leadless package
s Ultra High Speed
s Broad VCC operating range: 1.65V to 5.5V
s Power down high impedance input/output
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Logic Symbol
IEEE/IEC
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Pin Descriptions
Connection Diagram
(Top View)
Pin One Orientation Diagram
AAA
= Product Code Top Mark - see ordering code
Note: Orientation of Top Mark determines Pin One location. Read the top
product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order
Number
Package
Number
Package
Top Mark
Package Description
Supplied As
NC7SZ157P6X
MAA06A
ZF7
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SZ157L6X
MAC06A
B9
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Inputs
Output
S
I1
I0
Z
= (I
0)•(S)+(I1)•(S)
LX
L
L
LX
H
H
HL
X
L
HH
X
H
Pin Name
Description
I0, I1
Data Inputs
S
Control Input
Z
Output


Similar Part No. - NC7SZ157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157P6X ONSEMI-NC7SZ157P6X Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X_09 Datasheet
588Kb / 9P
   TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
More results

Similar Description - NC7SZ157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157 Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157FHX FAIRCHILD-NC7SZ157FHX Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157 ONSEMI-NC7SZ157 Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157_09 Datasheet
588Kb / 9P
   TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157_04 Datasheet
179Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157 Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157 Datasheet
177Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157_V01 Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157_04 Datasheet
179Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com