Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ373
Description  TinyLogic UHS D-Type Latch with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ373_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ373_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz, t
w = 500 ns
FIGURE 1. AC Test Circuit
D Input
= AC Waveform; t
r = tf = 1.8 ns;
D Input PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
FIGURE 4. AC Waveforms
FIGURE 5. AC Waveforms


Similar Part No. - NC7SZ373_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ373L6X FAIRCHILD-NC7SZ373L6X Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ373L6X ONSEMI-NC7SZ373L6X Datasheet
258Kb / 11P
   UHS D-Type Latch with 3-STATE Output
Revised August 2004
logo
Fairchild Semiconductor
NC7SZ373P6X FAIRCHILD-NC7SZ373P6X Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ373P6X ONSEMI-NC7SZ373P6X Datasheet
258Kb / 11P
   UHS D-Type Latch with 3-STATE Output
Revised August 2004
More results

Similar Description - NC7SZ373_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ373 FAIRCHILD-NC7SZ373 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ373 ONSEMI-NC7SZ373 Datasheet
258Kb / 11P
   UHS D-Type Latch with 3-STATE Output
Revised August 2004
logo
Fairchild Semiconductor
NC7SZ374 FAIRCHILD-NC7SZ374 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
NC7SZ374 FAIRCHILD-NC7SZ374_04 Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ125 ONSEMI-NC7SZ125 Datasheet
540Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126 ONSEMI-NC7SZ126_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com