Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ373L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ373L6X
Description  TinyLogic UHS D-Type Latch with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ373L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ373L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ373L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VIN < 0V
−50 mA
DC Output Diode Current (IOK)
VOUT < 0V
−50 mA
DC Output (IOUT) Source/Sink Current
±50 mA
DC VCC/GND Current (ICC/IGND)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @+85°C
180 mW
Power Supply
Operating (VCC)
1.65V to 5.5V
Data Retention
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
Active State
0V to VCC
3-STATE
0V to 5.5V
Input Rise and Fall Time (tr, tf)
VCC = 1.8V, 2.5V ± 0.2V
0 to 20 ns/V
VCC = 3.3V ± 0.3V
0 to 10 ns/V
VCC = 5.5V ± 0.5V
0 to 5 ns/V
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)
350
° C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Unit
Conditions
(V)
Min
TypMax
MinMax
VIH
HIGH Level Control
1.65 to 1.95 0.75 VCC
0.75 VCC
V
Input Voltage
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Control
1.65 to 1.95
0.25 VCC
0.25 VCC
V
Input Voltage
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Control
1.65
1.55
1.65
1.55
VVIN = VIH
IOH = −100 µA
Output Voltage
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.24
1.52
1.29
IOH = −4 mA
2.3
1.9
2.15
1.9
IOH = −8 mA
3.0
2.4
2.8
2.4
IOH = −16 mA
3.0
2.3
2.68
2.3
IOH = −24 mA
4.5
3.8
4.2
3.8
IOH = −32 mA
VOL
LOW Level Control
1.65
0.0
0.08
0.0
VVIN = VIL
IOL = 100 µA
Output Voltage
1.8
0.0
0.1
0.1
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
1.65
0.08
0.24
0.24
IOL = 4 mA
2.3
0.10
0.3
0.3
IOL = 8 mA
3.0
0.15
0.4
0.4
IOL = 16 mA
3.0
0.22
0.55
0.55
IOL = 24 mA
4.5
0.22
0.55
0.55
IOL = 32 mA
IIN
Input Leakage Current
0 to 5.5
±0.1
±1.0
µA0 ≤ V
IN ≤ 5.5V
IOZ
3-STATE
1.65 to 5.5
±0.5
±5.0
µA
VIN = VIL or VIH
Output Leakage
0
≤ V
OUT ≤ 5.5V
IOFF
Power-Off Leakage Current
0.0
1.0
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
1.65 to 5.5
1.0
10
µAV
IN = 5.5V, GND


Similar Part No. - NC7SZ373L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ373L6X FAIRCHILD-NC7SZ373L6X Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ373L6X ONSEMI-NC7SZ373L6X Datasheet
258Kb / 11P
   UHS D-Type Latch with 3-STATE Output
Revised August 2004
More results

Similar Description - NC7SZ373L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ373 FAIRCHILD-NC7SZ373 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ373 ONSEMI-NC7SZ373 Datasheet
258Kb / 11P
   UHS D-Type Latch with 3-STATE Output
Revised August 2004
logo
Fairchild Semiconductor
NC7SZ374 FAIRCHILD-NC7SZ374 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
NC7SZ374 FAIRCHILD-NC7SZ374_04 Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ125 ONSEMI-NC7SZ125 Datasheet
540Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126 ONSEMI-NC7SZ126_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com