Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZD384 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SZD384
Description  1-Bit Low Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZD384 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NC7SZD384_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 9Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 10Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
TAPE FORMAT for MicroPak
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
 0.059/0.000
0.567
W1
 0.078/0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
 1.50/0.00)
(14.40)
(W1
 2.00/1.00)


Similar Part No. - NC7SZD384_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZD384L6X FAIRCHILD-NC7SZD384L6X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384M5X FAIRCHILD-NC7SZD384M5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384P5X FAIRCHILD-NC7SZD384P5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
More results

Similar Description - NC7SZD384_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com