Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1252-7 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF1252-7
Description  Threshold detector and reset generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1252-7 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF1252-7 Datasheet HTML 6Page - NXP Semiconductors PCF1252-7 Datasheet HTML 7Page - NXP Semiconductors PCF1252-7 Datasheet HTML 8Page - NXP Semiconductors PCF1252-7 Datasheet HTML 9Page - NXP Semiconductors PCF1252-7 Datasheet HTML 10Page - NXP Semiconductors PCF1252-7 Datasheet HTML 11Page - NXP Semiconductors PCF1252-7 Datasheet HTML 12Page - NXP Semiconductors PCF1252-7 Datasheet HTML 13Page - NXP Semiconductors PCF1252-7 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Apr 16
10
Philips Semiconductors
Product specification
Threshold detector and reset generator
PCF1252-X family
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT97-1
92-11-17
95-02-04
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.045
0.17
0.020
0.13
b2
050G01
MO-001AN
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1


Similar Part No. - PCF1252-7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
PCF12 KOA-PCF12 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
logo
List of Unclassifed Man...
PCF1206 ETC2-PCF1206 Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PCF1206 TTELEC-PCF1206 Datasheet
813Kb / 6P
   precision thin film technology
logo
List of Unclassifed Man...
PCF1206H ETC2-PCF1206H Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
More results

Similar Description - PCF1252-7

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
   Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
   Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
   Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
   THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
   THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com