Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WBD3125 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WBD3125
Description  2-Bit Low Power Bus Switch with Level Shifting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WBD3125 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WBD3125 Datasheet HTML 1Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 2Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 3Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 4Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 5Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 6Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 7Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 8Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety
of the device cannot be guaranteed. The device should not be operated at these lim-
its. The parametric values defined in the Electrical Characteristics tables are not
guaranteed at the absolute maximum ratings. The “Recommended Operating Condi-
tions” table will define the conditions for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if the input
and output diode current ratings are observed.
Note 3: Unused logic inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 4: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 5: Per TTL driven input (VIN 3.4V, control input only). A and B pins do not contribute to ICC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Switch Voltage (VS)
0.5V to 7.0V
DC Output Voltage (VIN) (Note 2)
0.5V to 7.0V
DC Input Diode Current
(IIK) VIN  0V
50 mA
DC Output (IOUT) Current
128 mA
DC VCC or Ground Current
(ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Junction Temperature under Bias (TJ)
150qC
Lead Temperature (TL)
(Soldering, 10 Seconds)
260qC
Power Dissipation (PD) @ 85qC
250 mW
Supply Operating (VCC)
4.5V to 5.5V
Control Input Voltage (VIN)0V to 5.5V
Switch Input Voltage (VIN)0V to 5.5V
Switch Output Voltage (VOUT)0V to 5.5V
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Thermal Resistance (
TJA)
250
qC/W
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
VIK
Clamp Diode Voltage
4.5
1.2
V
IIN 18 mA
VIH
HIGH Level Input Voltage
4.5 to 5.5
2.0
V
VIL
LOW Level Input Voltage
4.5 to 5.5
0.8
V
VOH
HIGH Level Output Voltage
4.5 to 5.5
See Figure 3
V
VIN VCC
IIN
Input Leakage Current
5.5
r1.0
PA0 d VIN d 5.5V
IOFF
Power OFF Leakage Current
5.5
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
4.5
3.0
7.0
:
VIN 0V, IIN 64 mA
(Note 4)
4.5
3.0
7.0
VIN 0V, IIN 30 mA
4.5
15.0
50.0
VIN 2.4V, IIN 15 mA
ICC
Quiescent Supply Current
5.5
VIN VCC or GND, IOUT 0
1.1
1.5
mA
OE1 OE2 GND
10.0
PAOE1 OE2 VCC
' ICC
Increase in ICC per Input
5.5
1.0
2.5
mA
VIN 3.4V, One OE Input only,
(Note 5)
Other OE
VCC


Similar Part No. - NC7WBD3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125K8X FAIRCHILD-NC7WBD3125K8X Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125K8X ONSEMI-NC7WBD3125K8X Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
NC7WBD3125L8X ONSEMI-NC7WBD3125L8X Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
More results

Similar Description - NC7WBD3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384_05 Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com