Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ32 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ32
Description  TinyLogic UHS Dual 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ32 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ32 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ32 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500270
www.fairchildsemi.com
April 2000
Revised January 2005
NC7WZ32
TinyLogic
 UHS Dual 2-Input OR Gate
General Description
The NC7WZ32 is a dual 2-Input OR Gate from Fairchild’s
Ultra High Speed Series of TinyLogic
. The device is fabri-
cated with advanced CMOS technology to achieve ultra
high speed with high output drive while maintaining low
static power dissipation over a very broad VCC operating
range. The device is specified to operate over the 1.65V to
5.5V VCC range. The inputs and output are high impedance
when VCC is 0V. Inputs tolerate voltages up to 7V indepen-
dent of VCC operating voltage.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s Ultra high speed tPD 2.4 ns Typ into 50 pF at 5V VCC
s High output drive
±24 mA at 3V V
CC
s Broad VCC operating range 1.65V to 5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/output
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagrams
(Top View)
Pin One Orientation Diagram
AAA represents Product Code Top Mark - see ordering code
Note: Orientation of Top Mark determines Pin One location. Read the top
product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation. MIcroPak is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WZ32K8X
MAB08A
WZ32
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WZ32L8X
MAC08A
N5
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel
Pin Names
Description
An, Bn
Inputs
Yn
Output
Y
= A + B
Input
Output
AB
Y
LLL
LH
H
HL
H
HHH


Similar Part No. - NC7WZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32 Datasheet
271Kb / 9P
   UHS Dual 2-Input OR Gate
Revised January 2005
NC7WZ32 ONSEMI-NC7WZ32 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
NC7WZ32K8X ONSEMI-NC7WZ32K8X Datasheet
271Kb / 9P
   UHS Dual 2-Input OR Gate
Revised January 2005
NC7WZ32K8X ONSEMI-NC7WZ32K8X Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
NC7WZ32K8X-L22236 ONSEMI-NC7WZ32K8X-L22236 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
More results

Similar Description - NC7WZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
logo
Fairchild Semiconductor
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86_V01 Datasheet
516Kb / 9P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
NC7WZ86 FAIRCHILD-NC7WZ86 Datasheet
178Kb / 7P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
NC7SZ86 FAIRCHILD-NC7SZ86 Datasheet
107Kb / 8P
   TinyLogic UHS 2-Input Exclusive-OR Gate
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com