Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ38 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZ38
Description  TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ38 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZ38_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ38_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD) (VCC) (fIN) + (ICC static).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
w = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform; t
r = tf = 1.8 ns
PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPZL
Propagation Delay
1.8
± 0.15
2.0
5.2
9.2
2.0
9.6
ns
CL = 50 pF
2.5
± 0.2
1.5
3.5
5.7
1.5
6.1
RU
= 500Ω
Figures
1, 3
3.3
± 0.3
1.0
2.8
4.1
1.0
4.5
RD
= 500Ω
5.0
± 0.5
0.5
2.2
3.4
0.5
3.6
VI = 2 × VCC
tPLZ
Propagation Delay
1.8
± 0.15
2.0
4.6
9.2
2.0
9.6
ns
CL = 50 pF
2.5
± 0.2
1.5
3.2
5.7
1.5
6.1
RU
= 500Ω
Figures
1, 3
3.3
± 0.3
1.0
2.4
4.1
1.0
4.5
RD
= 500Ω
5.0
± 0.5
0.5
1.6
3.4
0.5
3.6
VI = 2 × VCC
CIN
Input Capacitance
0
2.5
pF
COUT
Output Capacitance
0
4.2
pF
CPD
Power Dissipation
3.3
7
pF
(Note 3)
Figure 2
Capacitance
5.0
9


Similar Part No. - NC7WZ38_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ38K8X FAIRCHILD-NC7WZ38K8X Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ38K8X ONSEMI-NC7WZ38K8X Datasheet
270Kb / 10P
   UHS Dual 2-Input NAND Gate
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ38L8X FAIRCHILD-NC7WZ38L8X Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ38L8X ONSEMI-NC7WZ38L8X Datasheet
270Kb / 10P
   UHS Dual 2-Input NAND Gate
Revised January 2005
More results

Similar Description - NC7WZ38_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38_04 Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com