Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8005D2 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8005D2
Description  3-CH Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8005D2 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8005D2 Datasheet HTML 7Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 8Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 9Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 10Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 11Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 12Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 13Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 14Page - Fairchild Semiconductor FAN8005D2 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FAN8005D2
11
Typical Performance Characteristics
< VCC & ICC >
0
1
2
3
4
5
6
7
8
9
10
36
9
12
15
V
CC (V)
I
CC (mA)
Ta=25℃
VCC=VM12=VM3
< VCC & VOM >
0
2
4
6
8
10
12
14
25
8
11
14
V
CC (V)
V
OM (V)
Ta= 25
Ta= 25
Ta= 25
Ta= 25 ℃
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
RL1= 8
RL1= 8
RL1= 8
RL1= 8
Ω (CH1,2)
(CH1,2)
(CH1,2)
(CH1,2)
RL2= 24
RL2= 24
RL2= 24
RL2= 24
Ω (CH3)
(CH3)
(CH3)
(CH3)
CH1
CH2
CH3
< IOM & VOUT >
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
600
700
I
OM (mA)
V
OUT (V)
CH1 Upp.
CH1 Low
CH2 Upp.
CH2 Low
CH3 Upp.
CH3 Low
Ta= 25
Ta= 25
Ta= 25
Ta= 25℃
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
< VCC & GVC >
0
2
4
6
8
10
12
14
16
18
20
3579
11
13
15
17
19
21
V
CC (V)
G
VC (dB)
Ta= 25
Ta= 25
Ta= 25
Ta= 25℃
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
VCC= VM12=VM3
RL1= 8
RL1= 8
RL1= 8
RL1= 8
Ω (CH1,2)
(CH1,2)
(CH1,2)
(CH1,2)
RL2= 24
RL2= 24
RL2= 24
RL2= 24
Ω (CH3)
(CH3)
(CH3)
(CH3)
CH1
CH2
CH3
< VCC & VOUT (LINE REGULATION) >
0
1
2
3
4
4
6
8
10
1214
1618
V
CC (V)
V
OUT (V)
Ta= 25
Ta= 25
Ta= 25
Ta= 25℃
< IO & VOUT (LOAD REGULATION) >
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
200
400
600
800
1000
I
O (mA)
V
OUT (V)
Ta= 25
Ta= 25
Ta= 25
Ta= 25℃
VCC= 5V
VCC= 5V
VCC= 5V
VCC= 5V


Similar Part No. - FAN8005D2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8001 FAIRCHILD-FAN8001 Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8002D2 FAIRCHILD-FAN8002D2 Datasheet
211Kb / 14P
   2-Channel Motor Drive
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results

Similar Description - FAN8005D2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com