Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML34063M Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML34063M
Description  DC-to-DC Converter Control Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML34063M Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML34063M Datasheet HTML 1Page - Minilogic Device Corporation Limited ML34063M Datasheet HTML 2Page - Minilogic Device Corporation Limited ML34063M Datasheet HTML 3Page - Minilogic Device Corporation Limited ML34063M Datasheet HTML 4Page - Minilogic Device Corporation Limited ML34063M Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P1/5
Rev B, June 2005
ML34063
ML34063 DC-to-DC Converter Control Circuit
Application
Battery Powered Equipment
Palmtops
Video Recorders
Features
OperatingVoltagefrom3Vto35V
Low StandbyCurrent
Output SwitchCurrentupto1.5A
OutputVoltageAdjustable
Operating Frequencyat100KHz
2%AccuracyVoltageReference
PackageAvailable: PDIP-8(1.25W)& SO-8(625mW)
General Description
The ML34063 is a DC/DC converter. It consists of
an internal temperature compensated voltage
reference, comparator, controlled duty cycle
oscillator with an active current limit circuit, driver
and high current output switch. It can be used in
step-down, step-up and voltage-inverting
applications with a minimum number of external
components.
Block Diagram
Ordering Information
Part Number
Package
ML34063NG
PDIP-8 (PB Free)
ML34063MG
SO-8 (PB Free)
ML34063N
PDIP-8
ML34063M
SO-8
Pin Configuration
S
R
Q
Ipk
CT
Oscillator
+
Comparator
1.25V
Voltage Reference
1
Switch Collector (SC)
2
Switch Emitter (SE)
3
Timing Capacitor (CT)
4
GND
Driver
8
Collector (DRIC)
7
Ipk Sense (IPK)
6
VCC
Comparator
5
Inverting Input (CII)
8
7
6
5
1
2
3
4
ML34063 (Top View)
Switch Collector (SC)
Switch Emitter (SE)
Timing Capacitor (CT)
GND
Comparator
Inverting Input (CII)
VCC
Ipk Sense (IPK)
Driver
Collector (DRIC)


Similar Part No. - ML34063M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N15MRG ETC1-ML3406N15MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N18MRG ETC1-ML3406N18MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406NFBMRG ETC1-ML3406NFBMRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
More results

Similar Description - ML34063M

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com