Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT200 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBT200
Description  PNP General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT200 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBT200 Datasheet HTML 1Page - Fairchild Semiconductor MMBT200 Datasheet HTML 2Page - Fairchild Semiconductor MMBT200 Datasheet HTML 3Page - Fairchild Semiconductor MMBT200 Datasheet HTML 4Page - Fairchild Semiconductor MMBT200 Datasheet HTML 5Page - Fairchild Semiconductor MMBT200 Datasheet HTML 6Page - Fairchild Semiconductor MMBT200 Datasheet HTML 7Page - Fairchild Semiconductor MMBT200 Datasheet HTML 8Page - Fairchild Semiconductor MMBT200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PN200
PN200A
MMBT200
MMBT200A
PNP General Purpose Amplifier
This device is designed for general purpose amplifier applications
at collector currents to 300 mA. Sourced from Process 68.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
PN200
PN200A
*MMBT200
*MMBT200A
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
SOT-23
Mark: N2 / N2A
C
B
E
TO-92
C
B
E
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
 1997 Fairchild Semiconductor Corporation


Similar Part No. - MMBT200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT200 FAIRCHILD-MMBT200 Datasheet
51Kb / 4P
   PNP General Purpose Amplifier
MMBT200 FAIRCHILD-MMBT200 Datasheet
883Kb / 12P
   PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
51Kb / 4P
   PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
883Kb / 12P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com