Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT918 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MMBT918
Description  NPN RF Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT918 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MMBT918 Datasheet HTML 2Page - Fairchild Semiconductor MMBT918 Datasheet HTML 3Page - Fairchild Semiconductor MMBT918 Datasheet HTML 4Page - Fairchild Semiconductor MMBT918 Datasheet HTML 5Page - Fairchild Semiconductor MMBT918 Datasheet HTML 6Page - Fairchild Semiconductor MMBT918 Datasheet HTML 7Page - Fairchild Semiconductor MMBT918 Datasheet HTML 8Page - Fairchild Semiconductor MMBT918 Datasheet HTML 9Page - Fairchild Semiconductor MMBT918 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Common Emitter Y Parameters vs. Frequency (continued)
Reverse Transfer Admittance vs
Collector Current-Input Short Circuit
024
68
10
0
0.02
0.04
0.06
0.08
0.1
I - COLLECTOR CURRENT (mA)
-g
re
-b re
C
f = 10.7 MHz
V
= 10V
CE
Reverse Transfer Admittance vs
Collector Current-Input Short Circuit
0
246
8
10
0.01
0.02
0.05
0.1
0.2
0.5
1
I - COLLECTOR CURRENT (mA)
-g
re
-b re
C
f = 100 MHz
V
= 5.0V
CE
V
= 5.0V
CE
V
= 10V
CE
V
= 10V
CE
Reverse Transfer Admittance vs
Frequency-Input Short Circuit
10
20
50
100
200
500
1000
0
1
2
3
4
5
f - FREQUENCY (MHz)
V
= 10V
CE
I = 5.0 mA
c
-b re
-g
re
Output Admittance vs Collector
Current-Input Short Circuit
02468
10
0
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
f = 10.7 MHz
V
= 10V
CE
boe
g
oe
Output Admittance vs Collector
Current-Input Short Circuit
0
246
8
10
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
f = 100 MHz
V
= 5.0V
CE
b
oe
g
oe
V
= 10V
CE
V
= 5.0V
CE
V
= 10V
CE
Output Admittance vs
Frequency-Input Short Circuit
10
20
50
100
200
500
1000
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 10V
CE
I = 5.0 mA
c
b oe
g
oe
NPN RF Transistor
(continued)


Similar Part No. - MMBT918

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT918 FAIRCHILD-MMBT918 Datasheet
148Kb / 7P
   NPN RF Transistor
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Yea Shin Technology Co....
MMBT918 YEASHIN-MMBT918 Datasheet
625Kb / 3P
   VHF/UFH Transistor
More results

Similar Description - MMBT918

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com