Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2900 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM2900_07 Datasheet HTML 1Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 2Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 3Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 4Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 5Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 6Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 7Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 8Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
4
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2900E, PCM2902E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock Frequency
fS
Sampling frequency
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
DC Accuracy
Gain mismatch channel-to-channel
±1
±5 % of FSR
Gain error
±2
±10 % of FSR
Bipolar zero error
±0
% of FSR
Dynamic Performance(1)
VCCCI = 3.67 V, VIN = –0.5 dB(2)
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
VIN = –0.5 dB(3)
0.1%
THD+N
Total harmonic distortion plus noise
VIN = –60 dB
5%
Dynamic range
A-weighted
81
89
dB
SNR
Signal-to-noise ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
Analog Input
Input voltage
0.6
VCCCI
Vp−p
Center voltage
0.5
VCCCI
V
Input impedance
30
k
Antialiasing filter frequency response
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
Digital Filter Performance
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
td
Delay time
17.4/fS
s
LCF frequency response
–3 dB
0.078 fS
MHz
DAC Characteristics
Resolution
8, 16
bits
Audio data channel
1, 2
channel
Clock Frequency
fS
Sampling frequency
32, 44.1, 48
kHz
(1) fIN = 1 kHz, using Audio Precision System II, RMS mode with 20-kHz LPF, 400-Hz HPF in calculation.
(2) Using external voltage regulator for VCCCI (as shown in Figure 36 and Figure 37, using with REG103xA-A)
(3) Using internal voltage regulator for VCCCI (as shown in Figure 38 and Figure 39)


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com