Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF84C00T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C00T
Description  8-bit microcontroller with I2C-bus interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C00T Datasheet HTML 1Page - NXP Semiconductors PCF84C00T Datasheet HTML 2Page - NXP Semiconductors PCF84C00T Datasheet HTML 3Page - NXP Semiconductors PCF84C00T Datasheet HTML 4Page - NXP Semiconductors PCF84C00T Datasheet HTML 5Page - NXP Semiconductors PCF84C00T Datasheet HTML 6Page - NXP Semiconductors PCF84C00T Datasheet HTML 7Page - NXP Semiconductors PCF84C00T Datasheet HTML 8Page - NXP Semiconductors PCF84C00T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1996 Nov 25
3
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
1
FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, RAM, I/O in a single 28-lead or 56-lead
package
• ‘Piggy-back’ and ROM-less versions, external program
memory
• 256 × 8 RAM
• 20 quasi-bidirectional I/O port lines
• Two test inputs, one of which is also the external
interrupt input
• Three single-level vectored interrupts:
– external
– timer/event counter
–I2C-bus
• I2C-bus interface for serial data transfer on two lines
(serial I/O data via an existing port line and clock via a
dedicated line)
• 8-bit programmable timer/event counter
• Clock frequency range: 100 kHz to 10 MHz
• Over 80 instructions (similar to those of the MAB8048)
all of 1 or 2 cycles
• Single supply voltage (2.5 to 5.5 V)
• Stop and Idle modes
• Power-on reset circuit
• Operating temperature range: −40 to +85 °C.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C00. The shared properties of the PCF84CxxxA
family of microcontrollers are described in the
“PCF84CxxxA family” data sheet, which should be read in
conjunction with this publication.
The PCF84C00 has 20 quasi-bidirectional I/O lines, an
I2C-bus serial interface, a single-level vectored interrupt
structure, an 8-bit timer/event counter and on-chip clock
oscillator and clock circuits.
This efficient controller also performs well as an arithmetic
processor. It has facilities for both binary and BCD
arithmetic plus bit-handling capabilities.
The instruction set is similar to the MAB8048 and is a
sub-set of that listed in the
“PCF84CxxxA family” data
sheet.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C00B
Non-standard 28-lead ‘piggy-back’ package with 28-pin EPROM socket
on top. Bottom ‘footprint’ and pinning as DIP 28, version SOT117-1.
The SOT117-1 information provided in Chapter “Package Outlines” is
correct in these respects, but not for the physical size of the
PCF84C00B, which is larger than the SOT117-1 package.
PCF84C00T
VSO56
Plastic very small outline package; 56 leads.
SOT 190-1


Similar Part No. - PCF84C00T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
PCF84C12A PHILIPS-PCF84C12A Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
127Kb / 16P
   8-bit microcontrollers
1996 Nov 20
PCF84C12AT PHILIPS-PCF84C12AT Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
More results

Similar Description - PCF84C00T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
logo
NXP Semiconductors
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com