Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN4250A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # PN4250A
Description  PNP General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN4250A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  PN4250A Datasheet HTML 1Page - Fairchild Semiconductor PN4250A Datasheet HTML 2Page - Fairchild Semiconductor PN4250A Datasheet HTML 3Page - Fairchild Semiconductor PN4250A Datasheet HTML 4Page - Fairchild Semiconductor PN4250A Datasheet HTML 5Page - Fairchild Semiconductor PN4250A Datasheet HTML 6Page - Fairchild Semiconductor PN4250A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Discrete POWER & Signal
Technologies
PNP General Purpose Amplifier
PN4250A
This device is designed for use as general purpose amplifiers
and switches requiring collector currents to 300 mA. Sourced
from Process 68. See PN200 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
PN4250A
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
C
B
E
TO-92
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - PN4250A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4250A FAIRCHILD-PN4250A Datasheet
428Kb / 12P
   PNP Low Level Low Noise Amplifiers
PN4250A FAIRCHILD-PN4250A Datasheet
24Kb / 2P
   PNP General Purpose Amplifier
logo
Central Semiconductor C...
PN4250A CENTRAL-PN4250A Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
PN4250A NJSEMI-PN4250A Datasheet
96Kb / 3P
   PNP General Purpose Amplifier
logo
Central Semiconductor C...
PN4250A CENTRAL-PN4250A_15 Datasheet
564Kb / 3P
   SILICON PNP TRANSISTOR
More results

Similar Description - PN4250A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com