Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QED423 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QED423
Description  Plastic Infrared Light Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QED423 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QED423 Datasheet HTML 1Page - Fairchild Semiconductor QED423 Datasheet HTML 2Page - Fairchild Semiconductor QED423 Datasheet HTML 3Page - Fairchild Semiconductor QED423 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
August 2005
QED422, QED423 Rev. 1.0.0
QED422, QED423
Plastic Infrared Light Emitting Diode
Features
■ λ= 880 nm
■ Chip material = AlGaAs
■ Package type: Plastic TO-46
■ Matched Photosensor: QSD722/723/724
■ Medium Wide Emission Angle, 30°
■ High Output Power
■ Package material and color: clear, purple tinted, plastic
Description
The QED422/423 is an 880 nm AlGaAs LED encapsulated in a
clear, purple tinted, plastic TO-46 package.
Package Dimensions
45°
R 0.022 (0.56)
0.020 (0.51)
SQ. (2X)
0.100 (2.54)
NOM
0.050 (1.27)
0.800 (20.3)
MIN
0.030 (0.76)
NOM
0.220 (5.59)
0.190 (4.83)
0.178 (4.52)
REFERENCE
SURFACE
CATHODE
Ø 0.215 (5.46)
NOM
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal
dimensions unless otherwise specified.
ANODE
CATHODE
Schematic


Similar Part No. - QED423

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QED423 QT-QED423 Datasheet
171Kb / 2P
   AIGAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
QED423 FAIRCHILD-QED423 Datasheet
369Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
More results

Similar Description - QED423

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213 Datasheet
281Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEC112 FAIRCHILD-QEC112 Datasheet
134Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED221 FAIRCHILD-QED221 Datasheet
103Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED422 FAIRCHILD-QED422 Datasheet
369Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113E3R0 FAIRCHILD-QEE113E3R0 Datasheet
125Kb / 5P
   Plastic Infrared Light Emitting Diode
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113 FAIRCHILD-QEE113 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE122 FAIRCHILD-QEE122 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
logo
QT Optoelectronics
QED121 QT-QED121 Datasheet
86Kb / 2P
   PLASTIC INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com