Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT20M20B2LL Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT20M20B2LL
Description  POWER MOS 7 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT20M20B2LL Datasheet(HTML) 3 Page - Advanced Power Technology

  APT20M20B2LL Datasheet HTML 1Page - Advanced Power Technology APT20M20B2LL Datasheet HTML 2Page - Advanced Power Technology APT20M20B2LL Datasheet HTML 3Page - Advanced Power Technology APT20M20B2LL Datasheet HTML 4Page - Advanced Power Technology APT20M20B2LL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APT20M20B2LL_LLL
Typical Performance Curves
250
200
150
100
50
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
6V
5.5V
7.5V
6.5
VGS =15 &10V
7V
9V
VGS=10V
VGS=20V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS(ON) MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE 3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON)vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 8, R
DS(ON) vs. TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100 120 140 160
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
200
180
160
140
120
100
80
60
40
20
0
120
100
80
60
40
20
0
2.5
2.0
1.5
1.0
0.5
0.0
NORMALIZED TO
V
GS = 10V @ ID = 50A
I
D = 50A
V
GS = 10V
0.0844
0.138
0.0124F
0.218F
Power
(Watts)
RC MODEL
Junction
temp. ( ”C)
Case temperature


Similar Part No. - APT20M20B2LL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M20B2LL ADPOW-APT20M20B2LL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT20M20B2LL MICROSEMI-APT20M20B2LL Datasheet
155Kb / 5P
   Power MOS 7 is a new generation of low loss, high voltage, N-Channel
logo
Inchange Semiconductor ...
APT20M20B2LL ISC-APT20M20B2LL Datasheet
419Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT20M20B2LLG MICROSEMI-APT20M20B2LLG Datasheet
155Kb / 5P
   Power MOS 7 is a new generation of low loss, high voltage, N-Channel
More results

Similar Description - APT20M20B2LL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M34BLL ADPOW-APT20M34BLL_04 Datasheet
205Kb / 5P
   POWER MOS 7 MOSFET
APT1003RKLL ADPOW-APT1003RKLL Datasheet
95Kb / 5P
   POWER MOS 7 MOSFET
logo
Microsemi Corporation
APT6010B2LLG MICROSEMI-APT6010B2LLG Datasheet
265Kb / 5P
   POWER MOS 7 MOSFET
logo
Advanced Power Technolo...
APT5024BLL ADPOW-APT5024BLL Datasheet
163Kb / 5P
   POWER MOS 7 MOSFET
APT5018BLL ADPOW-APT5018BLL_03 Datasheet
96Kb / 5P
   POWER MOS 7 MOSFET
APT20M16B2LL ADPOW-APT20M16B2LL_04 Datasheet
164Kb / 5P
   POWER MOS 7 MOSFET
APT20M36BLL ADPOW-APT20M36BLL_04 Datasheet
167Kb / 5P
   POWER MOS 7 MOSFET
APT50M50JLL ADPOW-APT50M50JLL Datasheet
155Kb / 5P
   POWER MOS 7 MOSFET
APT5010B2LL ADPOW-APT5010B2LL_04 Datasheet
173Kb / 5P
   POWER MOS 7 MOSFET
APT20M20JLL ADPOW-APT20M20JLL_04 Datasheet
160Kb / 5P
   POWER MOS 7 MOSFET
APT5014BLL ADPOW-APT5014BLL_04 Datasheet
166Kb / 5P
   POWER MOS 7 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com