Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT20M34BFLL Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT20M34BFLL
Description  POWER MOS 7 R FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT20M34BFLL Datasheet(HTML) 5 Page - Advanced Power Technology

  APT20M34BFLL_04 Datasheet HTML 1Page - Advanced Power Technology APT20M34BFLL_04 Datasheet HTML 2Page - Advanced Power Technology APT20M34BFLL_04 Datasheet HTML 3Page - Advanced Power Technology APT20M34BFLL_04 Datasheet HTML 4Page - Advanced Power Technology APT20M34BFLL_04 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Typical Performance Curves
APT20M34BFLL_SFLL
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
TO-247 Package Outline
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018) {3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Drain)
and Leads
are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Drain
Source
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
D
3PAKPackageOutline
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
ID
D.U.T.
VDS
Figure 20, Inductive Switching Test Circuit
VDD
G
APT60S20
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
Switching Energy
Drain Current
DrainVoltage
GateVoltage
T
J125°C
10%
0
t
d(off)
t
f
90%
90%
Drain Current
DrainVoltage
GateVoltage
T
J125°C
10%
t
d(on)
90%
5%
t
r
5%
10%
Switching Energy


Similar Part No. - APT20M34BFLL_04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M34BFLL ADPOW-APT20M34BFLL Datasheet
63Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT20M34BFLL ISC-APT20M34BFLL Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT20M34BFLL_04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50M38JFLL MICROSEMI-APT50M38JFLL_04 Datasheet
157Kb / 5P
   POWER MOS 7 R FREDFET
logo
Advanced Power Technolo...
APT50M65B2FLL ADPOW-APT50M65B2FLL_03 Datasheet
102Kb / 5P
   POWER MOS 7 R FREDFET
APT5518BFLLG ADPOW-APT5518BFLLG Datasheet
96Kb / 5P
   POWER MOS 7 R FREDFET
APT50M75B2FLL ADPOW-APT50M75B2FLL_04 Datasheet
167Kb / 5P
   POWER MOS 7 R FREDFET
APT60M75JFLL ADPOW-APT60M75JFLL_04 Datasheet
164Kb / 5P
   POWER MOS 7 R FREDFET
APT1001R6BFLL ADPOW-APT1001R6BFLL Datasheet
153Kb / 5P
   POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT5016BFLLG MICROSEMI-APT5016BFLLG Datasheet
191Kb / 5P
   POWER MOS 7 R FREDFET
logo
Advanced Power Technolo...
APT60M60JFLL ADPOW-APT60M60JFLL_03 Datasheet
111Kb / 5P
   POWER MOS 7 R FREDFET
APT60M75L2FLL ADPOW-APT60M75L2FLL_04 Datasheet
156Kb / 5P
   POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT1201R4BFLL MICROSEMI-APT1201R4BFLL Datasheet
418Kb / 5P
   POWER MOS 7 R FREDFET
Rev C 2-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com