Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE156 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QSE156
Description  PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE156 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QSE156 Datasheet HTML 1Page - Fairchild Semiconductor QSE156 Datasheet HTML 2Page - Fairchild Semiconductor QSE156 Datasheet HTML 3Page - Fairchild Semiconductor QSE156 Datasheet HTML 4Page - Fairchild Semiconductor QSE156 Datasheet HTML 5Page - Fairchild Semiconductor QSE156 Datasheet HTML 6Page - Fairchild Semiconductor QSE156 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8/4/04
Page 3 of 7
© 2004 Fairchild Semiconductor Corporation
PLASTIC SILICON
OPTOLOGIC® PHOTOSENSOR
QSE156 QSE157 QSE158 QSE159
NOTES:
1. Derate power dissipation linearly 2.50 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron 1/16" (1.6 mm) minimum from housing.
5.
λ = 880 nm (AlGaAs).
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +100
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Output Current
IO
50
mA
Supply Voltage
VCC
4.0 to 16
V
Output Voltage
VO
30
V
Power Dissipation(1)
PD
100
mW
ELECTRICAL / OPTICAL CHARACTERISTICS (TA = –40°C to +85°C, VCC = 4.5 to 16 volts)
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Positive Going Threshold Irradiance(5)
Ee (+)
0.025
0.250
mW/cm2 TA = 25°C
Hysteresis Ratio
Ee (+)/Ee(–)
1.10
2.00
Supply Current
ICC
5.0
mA
Ee = 0 or .3 mW/cm2(5)
Peak to peak ripple which will cause false
triggering
2.00
V
f = DC to 50 MHZ
QSE156 (BUFFER TOTEM POLE)
High Level Output Voltage
VOH
VCC-2.1
V
Ee = .3 mW/cm2, IOH = -1.0mA
(5)
Low Level Output Voltage
VOL
0.40
V
Ee = 0, IOL = 16 mA
QSE157 (INVERTER TOTEM POLE)
High Level Output Voltage
VOH
VCC-2.1
V
Ee = 0, IOH = -1.0mA
Low Level Output Voltage
VOL
0.40
V
Ee = .3 mW/cm2, IOL = 16mA
(5)
QSE158 (BUFFER OPEN COLLECTOR)
High Level Output Current
IOH
100
µA
Ee = .3mW/cm2, VOH = 30V
(5)
Low Level Output Voltage
VOL
0.40
V
Ee = 0, IOL = 16mA
QSE159 (INVERTER OPEN COLLECTOR)
High Level Output Current
IOH
100
µA
Ee = 0, VOH = 30V
Low Level Output Voltage
VOL
0.40
V
Ee = .3mW/cm2, IOL = 16mA
(5)
QSE156, QSE157
Output rise, fall times
tr, tf
70
nS
Ee = 0 or .3 mW/cm2, f = 10KHz
DC = 50%, RL=360Ω
(5)
Propagation delay
tphl, tplh
6.0
µS
QSE158, QSE159
Output rise, fall times
tr, tf
100
nS
Ee = 0 or .3 mW/cm2, f = 10KHz
DC = 50%, RL=360Ω
(5)
Propagation delay
tphl, tplh
6.0
µS


Similar Part No. - QSE156

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
QSE156 FAIRCHILD-QSE156 Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
QSE156C FAIRCHILD-QSE156C Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
QSE156 FAIRCHILD-QSE156_08 Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
More results

Similar Description - QSE156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156_08 Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
QSE259 FAIRCHILD-QSE259 Datasheet
1Mb / 7P
   Plastic Silicon OPTOLOGIC
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
logo
QT Optoelectronics
QSA156 QT-QSA156 Datasheet
259Kb / 4P
   OPTOLOGIC
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSA156 FAIRCHILD-QSA156 Datasheet
282Kb / 5P
   OPTOLOGIC?
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com