Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30M30B2LL Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT30M30B2LL
Description  POWER MOS 7 R MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30M30B2LL Datasheet(HTML) 5 Page - Advanced Power Technology

  APT30M30B2LL_04 Datasheet HTML 1Page - Advanced Power Technology APT30M30B2LL_04 Datasheet HTML 2Page - Advanced Power Technology APT30M30B2LL_04 Datasheet HTML 3Page - Advanced Power Technology APT30M30B2LL_04 Datasheet HTML 4Page - Advanced Power Technology APT30M30B2LL_04 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APT30M30B2LL_LLL
Typical Performance Curves
Figure 19, Turn-off Switching Waveforms and Definitions
Figure 18, Turn-on Switching Waveforms and Definitions
Drain Current
DrainVoltage
GateVoltage
T
J125°C
10%
0
t
d(off)
t
f
Switching Energy
90%
90%
Drain Current
DrainVoltage
GateVoltage
T
J125°C
Switching Energy
10%
t
d(on)
90%
5%
t
r
5%
10%
ID
D.U.T.
VDS
Figure 20, Inductive Switching Test Circuit
VDD
G
APT60DS30
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
These dimensions are equal to the TO-247 without the mounting hole.
2-Plcs.
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Drain
Source
Gate
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.
Dimensions in Millimeters and (Inches)
T-MAXTM (B2) Package Outline
TO-264 (L) Package Outline
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


Similar Part No. - APT30M30B2LL_04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30M30B2LL ADPOW-APT30M30B2LL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT30M30B2LL ISC-APT30M30B2LL Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT30M30B2LL_04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30M36B2LL ADPOW-APT30M36B2LL_04 Datasheet
169Kb / 5P
   POWER MOS 7 R MOSFET
logo
Microsemi Corporation
APT50M38JLL MICROSEMI-APT50M38JLL_04 Datasheet
155Kb / 5P
   POWER MOS 7 R MOSFET
APT50M50L2LL MICROSEMI-APT50M50L2LL_04 Datasheet
98Kb / 5P
   POWER MOS 7 R MOSFET
logo
Advanced Power Technolo...
APT50M75JLL ADPOW-APT50M75JLL_04 Datasheet
168Kb / 5P
   POWER MOS 7 R MOSFET
APT30M30JLL ADPOW-APT30M30JLL_04 Datasheet
150Kb / 5P
   POWER MOS 7 R MOSFET
APT30M61BLL ADPOW-APT30M61BLL_04 Datasheet
104Kb / 5P
   POWER MOS 7 R MOSFET
APT50M65B2LL ADPOW-APT50M65B2LL_04 Datasheet
101Kb / 5P
   POWER MOS 7 R MOSFET
APT50M65JLL ADPOW-APT50M65JLL_03 Datasheet
103Kb / 5P
   POWER MOS 7 R MOSFET
APT50M75B2LL ADPOW-APT50M75B2LL_04 Datasheet
166Kb / 5P
   POWER MOS 7 R MOSFET
APT60M75L2LL ADPOW-APT60M75L2LL_04 Datasheet
155Kb / 5P
   POWER MOS 7 R MOSFET
APT30M17JLL ADPOW-APT30M17JLL_04 Datasheet
168Kb / 5P
   POWER MOS 7 R MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com