Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50M60L2VFR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT50M60L2VFR
Description  POWER MOS V짰 FREDFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50M60L2VFR Datasheet(HTML) 3 Page - Microsemi Corporation

  APT50M60L2VFR Datasheet HTML 1Page - Microsemi Corporation APT50M60L2VFR Datasheet HTML 2Page - Microsemi Corporation APT50M60L2VFR Datasheet HTML 3Page - Microsemi Corporation APT50M60L2VFR Datasheet HTML 4Page - Microsemi Corporation APT50M60L2VFR Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT50M60L2VFR
6.5V
7.5V
5.5V
7V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE8,ON-RESISTANCEvs.TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
6V
0
5
10
15
20
25
30
0
123456
0
20
40
60
80
100 120 140 160
25
50
75
100
125
150
-50 -25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
140
120
100
80
60
40
20
0
80
70
60
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0.0
I
D = 38.5A
V
GS = 10V
200
180
160
140
120
100
80
60
40
20
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
0.85
1.2
1.1
1.0
0.9
0.8
0.7
0.6
8V
VGS=10V
VGS=20V
NORMALIZED TO
V
GS = 10V @ 38.5A
0.0545
0.0957
0.0487F
0.922F
Power
(watts)
RC MODEL
Junction
temp. (
°C)
Case temperature. (
°C)
VGS =15 & 10V


Similar Part No. - APT50M60L2VFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50M60L2VFR ADPOW-APT50M60L2VFR Datasheet
79Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT50M60L2VFR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
APT10M09B2VFR MICROCHIP-APT10M09B2VFR Datasheet
301Kb / 5P
   POWER MOS V짰 FREDFET
Rev B 5-2021
logo
Microsemi Corporation
APT6045BVFR MICROSEMI-APT6045BVFR Datasheet
138Kb / 4P
   POWER MOS V짰 FREDFET
APT20M45BVR MICROSEMI-APT20M45BVR Datasheet
354Kb / 4P
   POWER MOS V짰
logo
Advanced Power Technolo...
APT60M80L2VR ADPOW-APT60M80L2VR_04 Datasheet
162Kb / 5P
   POWER MOS V짰 MOSFET
logo
Microsemi Corporation
APT50M60L2VR MICROSEMI-APT50M60L2VR_04 Datasheet
160Kb / 5P
   POWER MOS V짰 MOSFET
logo
Advanced Power Technolo...
APT5010JFLL ADPOW-APT5010JFLL_04 Datasheet
175Kb / 5P
   POWER MOS 7 FREDFET
APT55M65L2FLL ADPOW-APT55M65L2FLL Datasheet
163Kb / 5P
   POWER MOS 7 FREDFET
APT60M80L2VFR ADPOW-APT60M80L2VFR Datasheet
164Kb / 5P
   POWER MOS V FREDFET
APT1204R7BFLL ADPOW-APT1204R7BFLL Datasheet
121Kb / 4P
   POWER MOS 7 FREDFET
APT11044JFLL ADPOW-APT11044JFLL Datasheet
102Kb / 5P
   POWER MOS 7 FREDFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com