Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV4145AN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RV4145AN
Description  Low Power Ground Fault Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4145AN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RV4145AN Datasheet HTML 1Page - Fairchild Semiconductor RV4145AN Datasheet HTML 2Page - Fairchild Semiconductor RV4145AN Datasheet HTML 3Page - Fairchild Semiconductor RV4145AN Datasheet HTML 4Page - Fairchild Semiconductor RV4145AN Datasheet HTML 5Page - Fairchild Semiconductor RV4145AN Datasheet HTML 6Page - Fairchild Semiconductor RV4145AN Datasheet HTML 7Page - Fairchild Semiconductor RV4145AN Datasheet HTML 8Page - Fairchild Semiconductor RV4145AN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RV4145A
PRODUCT SPECIFICATION
REV. 1.0.5 12/7/04
5
Figure 1. GFI Application Circuit (Three-Wire Outlet)
C1
10
µF
Line
Sense Transformer
1000:1
RLINE
24K
C2
0.01
µF
K1
Load
65-4145A-03
200:1
VFB
VREF (+13V)
GND
Op Amp Output
+VS
SCR Trigger
RV4145
Mov
Solenoid
Hot
Neutral
Latching
Contacts
RTEST
15K
Press
To Test
Ground Neutral
Transformer
DB1
1N4004 (4)
CF
2.2
µF
RSENSE
1M *
Q1 ON Semi
MCR100-6
C4
0.03
µF
C3
0.01
µF
* Value depends on transformer characteristics.


Similar Part No. - RV4145AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145AN FAIRCHILD-RV4145AN Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145AN ONSEMI-RV4145AN Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145AN ARTSCHIP-RV4145AN Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results

Similar Description - RV4145AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com