Electronic Components Datasheet Search
Selected language     English  ▼


W005G_01 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. W005G_01
Description  Bridge Rectifiers (Glass Passivated)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
W005G - W10G, Rev. C
2001 Fairchild Semiconductor Corporation
Bridge Rectifiers (Glass Passivated)
(continued)
Typical Characteristics
25
50
75
100
125
150
175
0
0.5
1
1.5
2
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
12
5
10
20
50
100
0
10
20
30
40
50
Number of Cycles at 60Hz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
20
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµs
2% Duty Cycle
T = 25 C
º
A
0
204060
80
100
120
140
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 100 C
º
A
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF15005M_11.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
DF005M_11.0A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
DB101GSingle Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBPC35005_135A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBU8A_068.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
GBU10005_110A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBJ60056.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
RH02_10.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl