Electronic Components Datasheet Search
Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. W005G
Description  Bridge Rectifiers (Glass Passivated)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
W005G - W10G, Rev. C
2001 Fairchild Semiconductor Corporation
W005G - W10G
Bridge Rectifiers (Glass Passivated)
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Surge overload rating: 50 amperes
peak.
Glass passivated junction.
Ideal for printed circuit board.
Reliable low cost construction technique
results in inexpensive product.
UL certified, UL #E96005.
Symbol
Parameter
Device
Units
V
F
Forward Voltage, per bridge @ 1.0 A
1.0
V
I
R
Reverse Current, total bridge @ rated V
R
T
A = 25°C
T
A = 125°C
5.0
500
µA
µA
I2t rating for fusing
t < 8.3 ms
10
A2s
CT
Total Capacitance, per leg
V
R = 4.0 V, f = 1.0 MHz
15
pF
Symbol
Parameter
Value
Units
P
D
Power Dissipation
3.47
W
RθJA
Thermal Resistance, Junction to Ambient,*
per leg
36
°C/W
RθJL
Thermal Resistance, Junction to Lead,* per
leg
11
°C/W
WOB
+
~
~ -
Symbol
Parameter
Value
Units
005G
01G
02G
04G
06G
08G
10G
V
RRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
V
RMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
V
R
DC Reverse Voltage
(Rated V
R)
50
100
200
400
600
800
1000
V
I
F(AV)
Average Rectified Forward Current,
@ T
A = 50°C
1.5
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
50
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Thermal Characteristics
*Device mounted on PCB with 0.375" (9.5 mm) lead length.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF15005M_11.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
DF005M_11.0A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
DB101GSingle Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBPC35005_135A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBU8A_068.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
GBU10005_110A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBJ60056.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
RH02_10.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl