Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6078ACMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6078ACMS8
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6078ACMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6078ACMS8 Datasheet HTML 3Page - Linear Technology LTC6078ACMS8 Datasheet HTML 4Page - Linear Technology LTC6078ACMS8 Datasheet HTML 5Page - Linear Technology LTC6078ACMS8 Datasheet HTML 6Page - Linear Technology LTC6078ACMS8 Datasheet HTML 7Page - Linear Technology LTC6078ACMS8 Datasheet HTML 8Page - Linear Technology LTC6078ACMS8 Datasheet HTML 9Page - Linear Technology LTC6078ACMS8 Datasheet HTML 10Page - Linear Technology LTC6078ACMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6078/LTC6079
7
60789fa
20
µs/DIV
60789 G17
20mV/DIV
VS = 5V
RL = 10k
CL = 100pF
200
µs/DIV
60789 G18
1V/DIV
VS = 5V
RL = 10k
CL = 100pF
FREQUENCY (Hz)
10000
1000
100
10
1
0.1
0.01
100
100k
1M
60789 G16
10k
1k
VS = 5V
VCM = 0.5V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
140
120
80
100
60
40
20
0
1
10
100
10k
100k
10M
60789 G15
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
FREQUENCY (Hz)
100
80
60
40
20
0
–20
–40
1k
100k
1M
10M
60789 G13
10k
100
80
60
40
20
0
–20
–40
VS = 5V
VCM = 0.5V
CL = 200pF
TA = 25°C
RL = 10k
RL = 100k
GAIN
PHASE
LOAD CURRENT (mA)
+VS
+VS –0.5
+VS –1.0
+VS –1.5
+VS –2.0
–VS +2.0
–VS +1.5
–VS +1.0
–VS +0.5
–VS
0.01
1
10
100
60789 G10
0.1
VS = 5V
VCM = 0.7V
SOURCE
SINK
TA = 125°C
TA = 25°C
TA = –55°C
SUPPLY VOLTAGE (V)
0 0.5 1.0
3.0
4.0
60789 G11
2.5
5.0 5.5
1.5 2.0
3.5
4.5
60
50
40
30
20
10
0
PER AMPLIFIER
VCM = 0.5V
TA = 25°C
TEMPERATURE (
°C)
–40 –25 –10
50
80
60789 G12
35
110 125
520
65
95
65
50
60
45
55
40
PER AMPLIFIER
VCM = 0.5V
VS = 5V
VS = 3V
FREQUENCY (Hz)
120
80
100
60
40
20
0
–20
100
10k
100k
10M
60789 G14
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
RL = 1k
Open Loop Gain vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
Small Signal Transient
Large Signal Transient
Output Voltage Swing vs
Load Current
Supply Current vs Supply Voltage
Supply Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC6078ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
More results

Similar Description - LTC6078ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com