Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1108SF Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108SF
Description  300mA C-MOS L.D.O. Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108SF Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1108SF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
300mA C-MOS L.D.O. Regulator
LM1108F/SF
0702-01 Taejin Technology Co.,Ltd.
HTC
4
EQUATION 2-2:
Table 2-1 shows various values of θJA for the LM1108 versus board copper area.
TABLE 2-1 : THERMAL RESISTANCE GUIDELINES FOR LM1108
Equation 2-1can be used in conjunction with Equation 2-2 to ensure regulator thermal operation is within limits.
Forexample:
In this example, the LM1108 dissipates a maximum of 260mW; below the allow able limit of 508 mW . In a
similar manner, Equation 2-1 and Equation 2-2 can be used to calculate maximum current and/or input voltage
limits. For example, the maximum allowable VIN, is found by sustituting the maximum allowable power
dissipation of 508 mW into Equation 2-1, from which VINMAX = 4.6V.


Similar Part No. - LM1108SF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108SF HTC-LM1108SF Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
LM1108SF5 HTC-LM1108SF5 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
More results

Similar Description - LM1108SF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
   150 mA C-MOS L.D.O. Regulator
LM1185SF HTC-LM1185SF Datasheet
169Kb / 4P
   150 mA C-MOS L.D.O. Regulator
logo
ELM Technology Corporat...
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
   600mA CMOS L.D.O. Regulator
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
logo
RICOH electronics devic...
R1110N RICOH-R1110N Datasheet
177Kb / 23P
   LOW NOISE 150mA L.D.O REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com