Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1108SF5 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108SF5
Description  300mA C-MOS L.D.O. Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108SF5 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1108SF5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108SF5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108SF5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108SF5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
300mA C-MOS L.D.O. Regulator
LM1108F/SF
FEATURES
• Extremely Low Supply Current(50µA,Typ.)
• Very Low Dropout Voltage
• 300mA Output Current
• High Output Voltage Accuracy +/- 1.4 %
• Standardor Custom Output Voltages
• Over Currentand Over Temperature Protection
• Small input/output differential : 0.3V for full load
APPLICATIONS
• Battery Operated Systems
• Portable Computers
• Portable Cameras and Video Recorders
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
ORDERING INFORMATION
• Pagers
(Note : "XX" is Output Voltage for SOT-23 Pkg,
DESCRIPTION
1.5V=H15, 1.8V=H18….3.3V=H33)
TYPICAL APPLICATION CIRCUIT
0702-01 Taejin Technology Co.,Ltd.
HTC
LM1108 SF5
HXX
SOT-25
LM1108 F
1108 X.X
SOT-89
Package
Marking
LM1108 SF
HXX
SOT-23
Device
1
The LM1108 is a fixed output,high accuracy(typically ±0.5%) C MOS low drop-out regulator.
Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).
LM1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full
load), and fast response to step changes in load.
The LM1108 in corporates both over temperature and over current protection.
The LM1108 is stable with an output capacitor of only1µF and has a maximum out put current of 300mA.
It is available in a SOT-23 & SOT-89 package
SOT-23-5L
(SOT-25)
SOT-89
1.Vss
2.Vin
3.Vout
4. NC 5. NC
SOT-23


Similar Part No. - LM1108SF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108SF5 HTC-LM1108SF5 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
More results

Similar Description - LM1108SF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
   150 mA C-MOS L.D.O. Regulator
LM1185SF HTC-LM1185SF Datasheet
169Kb / 4P
   150 mA C-MOS L.D.O. Regulator
logo
ELM Technology Corporat...
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
   600mA CMOS L.D.O. Regulator
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
logo
RICOH electronics devic...
R1110N RICOH-R1110N Datasheet
177Kb / 23P
   LOW NOISE 150mA L.D.O REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com