Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP23015CFH Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXTP23015CFH
Description  15V, SOT23, PNP medium power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP23015CFH Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXTP23015CFH Datasheet HTML 1Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 2Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 3Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 4Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 5Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 6Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 7Page - Zetex Semiconductors ZXTP23015CFH Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTP23015CFH
Issue 2 - May 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics


Similar Part No. - ZXTP23015CFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP23015CFH ZETEX-ZXTP23015CFH Datasheet
161Kb / 6P
   15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP23015CFH DIODES-ZXTP23015CFH Datasheet
196Kb / 8P
   15V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP23015CFHTA ZETEX-ZXTP23015CFHTA Datasheet
161Kb / 6P
   15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP23015CFHTA DIODES-ZXTP23015CFHTA Datasheet
196Kb / 8P
   15V, SOT23, PNP medium power transistor
More results

Similar Description - ZXTP23015CFH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP23015CFH DIODES-ZXTP23015CFH Datasheet
196Kb / 8P
   15V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP23015CFH ZETEX-ZXTP23015CFH Datasheet
161Kb / 6P
   15V, SOT23, PNP medium power transistor
ZXTP25015DFH ZETEX-ZXTP25015DFH Datasheet
364Kb / 6P
   15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25015DFH DIODES-ZXTP25015DFH Datasheet
367Kb / 6P
   15V, SOT23, PNP medium power transistor
ZXTN23015CFH DIODES-ZXTN23015CFH Datasheet
175Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN23015CFH ZETEX-ZXTN23015CFH Datasheet
168Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25015DFH DIODES-ZXTN25015DFH Datasheet
408Kb / 6P
   15V, SOT23, NPN medium power transistor
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
   15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com