Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25020BFH Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXTP25020BFH
Description  20V, SOT23, PNP medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP25020BFH Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXTP25020BFH Datasheet HTML 1Page - Zetex Semiconductors ZXTP25020BFH Datasheet HTML 2Page - Zetex Semiconductors ZXTP25020BFH Datasheet HTML 3Page - Zetex Semiconductors ZXTP25020BFH Datasheet HTML 4Page - Zetex Semiconductors ZXTP25020BFH Datasheet HTML 5Page - Zetex Semiconductors ZXTP25020BFH Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTP25020BFH
Issue 1 - May 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - SOT23
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
-
1.10
-
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
-
-
-
-
-
L
N
H
G
A
C
F
B
M
K
D
3 leads


Similar Part No. - ZXTP25020BFH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020BFHTA DIODES-ZXTP25020BFHTA Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
More results

Similar Description - ZXTP25020BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFH DIODES-ZXTP25020CFH Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
   20V, SOT23, NPN medium power transistor
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
   20V SOT23 NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25020DFH ZETEX-ZXTN25020DFH Datasheet
257Kb / 6P
   20V SOT23 NPN medium power transistor
ZXTN25020BFH ZETEX-ZXTN25020BFH Datasheet
393Kb / 6P
   20V, SOT23, NPN medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com