Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTEM322TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTEM322TC
Description  MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTEM322TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTEM322TC Datasheet HTML 1Page - Zetex Semiconductors ZXTEM322TC Datasheet HTML 2Page - Zetex Semiconductors ZXTEM322TC Datasheet HTML 3Page - Zetex Semiconductors ZXTEM322TC Datasheet HTML 4Page - Zetex Semiconductors ZXTEM322TC Datasheet HTML 5Page - Zetex Semiconductors ZXTEM322TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTEM322
SEMICO NDUC TORS
ISSUE 2 - JUNE 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
100
180
V
IC=100 A
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
110
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
V
IE=100 A
Collector Cut-Off Current
ICBO
25
nA
VCB=80V
Emitter Cut-Off Current
IEBO
25
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
25
nA
VCE=65V
Collector-Emitter Saturation Voltage
VCE(sat)
15
45
145
160
240
20
60
185
200
325
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=0.5A, IB=50mA*
IC=1A, IB=20mA*
IC=1.5A, IB=50mA*
IC=3.5A, IB=300mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.09
1.175
V
IC=3.5A, IB=300mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.96
1.05
V
IC=3.5A, VCE=2V*
Static Forward Current Transfer Ratio
hFE
200
300
110
60
20
450
450
170
90
30
10
900
IC=10mA, VCE=2V*
IC=200mA, VCE=2V*
IC=1A, VCE=2V*
IC=1.5A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
Transition Frequency
fT
100
160
MHz IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
11.5
18
pF
VCB=10A, f=1MHz
Turn-On Time
t(on)
86
ns
VCC=10V, IC=1A
IB1=IB2=25mA
Turn-Off Time
t(off)
1128
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
*Measured under pulsed conditions. Pulse width=300 s. Duty cycle
2%


Similar Part No. - ZXTEM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322TC ZETEX-ZXTEM322TC Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTEM322TC DIODES-ZXTEM322TC Datasheet
411Kb / 6P
   80V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTEM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com