Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50M85LVR Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT50M85LVR
Description  POWER MOS V MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50M85LVR Datasheet(HTML) 3 Page - Advanced Power Technology

  APT50M85LVR Datasheet HTML 1Page - Advanced Power Technology APT50M85LVR Datasheet HTML 2Page - Advanced Power Technology APT50M85LVR Datasheet HTML 3Page - Advanced Power Technology APT50M85LVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Curves
APT50M85B2VR_LVR
4.5V
6.5V
4V
5.5V
5V
VGS =15 &10 V
6V
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
VGS=10V
VGS=20V
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE8,ON-RESISTANCEvs.TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
120
100
80
60
40
20
0
60
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0.0
NORMALIZED TO
V
GS = 10V @ 28A
I
D = 28A
V
GS = 10V
0.0846
0.116
0.0122F
0.249F
Power
(watts)
RC MODEL
Junction
temp. (
°C)
Case temperature. (
°C)
160
140
120
100
80
60
40
20
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
0.85
1.2
1.1
1.0
0.9
0.8
0.7
0.6


Similar Part No. - APT50M85LVR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50M85LVR ADPOW-APT50M85LVR Datasheet
38Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
logo
Inchange Semiconductor ...
APT50M85LVR ISC-APT50M85LVR Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT50M85LVR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT6025SVR ADPOW-APT6025SVR Datasheet
60Kb / 4P
   POWER MOS V MOSFET
APT20M18B2VR ADPOW-APT20M18B2VR_04 Datasheet
154Kb / 4P
   POWER MOS V MOSFET
APT12080B2VFR ADPOW-APT12080B2VFR Datasheet
129Kb / 4P
   POWER MOS V
APT1201R5BVFR ADPOW-APT1201R5BVFR Datasheet
145Kb / 4P
   POWER MOS V
APT12045L2VFR ADPOW-APT12045L2VFR Datasheet
129Kb / 4P
   POWER MOS V
APT5017BVRG ADPOW-APT5017BVRG Datasheet
49Kb / 4P
   POWER MOS V
APT60M80JVR ADPOW-APT60M80JVR Datasheet
71Kb / 4P
   POWER MOS V
APT6040BVR ADPOW-APT6040BVR Datasheet
59Kb / 4P
   POWER MOS V
APT5024BVR ADPOW-APT5024BVR_04 Datasheet
114Kb / 4P
   POWER MOS V
APT50M80B2VR ADPOW-APT50M80B2VR_03 Datasheet
95Kb / 4P
   POWER MOS V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com