Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2011G Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXTN2011G
Description  100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN2011G Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTN2011G_06 Datasheet HTML 1Page - Zetex Semiconductors ZXTN2011G_06 Datasheet HTML 2Page - Zetex Semiconductors ZXTN2011G_06 Datasheet HTML 3Page - Zetex Semiconductors ZXTN2011G_06 Datasheet HTML 4Page - Zetex Semiconductors ZXTN2011G_06 Datasheet HTML 5Page - Zetex Semiconductors ZXTN2011G_06 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTN2011G
SEMICO NDUC TORS
ISSUE 2 - MAY 2006
3
CHARACTERISTICS


Similar Part No. - ZXTN2011G_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2011GTA ZETEX-ZXTN2011GTA Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2011GTA DIODES-ZXTN2011GTA Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
ZXTN2011GTA DIODES-ZXTN2011GTA Datasheet
452Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTN2011GTC ZETEX-ZXTN2011GTC Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2011GTC DIODES-ZXTN2011GTC Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
More results

Similar Description - ZXTN2011G_06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2013G ZETEX-ZXTP2013G Datasheet
122Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com