Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 6Page - NXP Semiconductors PCF8576 Datasheet HTML 7Page - NXP Semiconductors PCF8576 Datasheet HTML 8Page - NXP Semiconductors PCF8576 Datasheet HTML 9Page - NXP Semiconductors PCF8576 Datasheet HTML 10Page - NXP Semiconductors PCF8576 Datasheet HTML 11Page - NXP Semiconductors PCF8576 Datasheet HTML 12Page - NXP Semiconductors PCF8576 Datasheet HTML 13Page - NXP Semiconductors PCF8576 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1998 Feb 06
10
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576
Fig.5 Waveforms for the 1 : 2 multiplex drive mode with 1
2bias (Vop =VDD − VLCD).
V
state1 t
()
V
S
n
t
()
V
BP0 t
()
=
V
on(rms)
0.791V
op
=
V
state2 t
()
V
S
n
t
()
V
BP1 t
()
=
V
off(rms)
0.354V
op
=
MBE540
V
(V
)/2
V
DD
V
/2
op
Vop
state 1
0
BP0
S n 1
(a) waveforms at driver
(b) resultant waveforms
at LCD segment
LCD segments
state 2
Tframe
DD
LCD
VLCD
BP1
Sn
Vop
V
/2
op
V
/2
op
Vop
state 2
0
Vop
V
/2
op
state 1
V
(V
)/2
V
DD
DD
LCD
VLCD
VLCD
VLCD
VDD
VDD


Similar Part No. - PCF8576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8576 PHILIPS-PCF8576 Datasheet
264Kb / 44P
   Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576 PHILIPS-PCF8576 Datasheet
219Kb / 44P
   Universal LCD driver for low multiplex rates
2001 Oct 02
PCF8576C PHILIPS-PCF8576C Datasheet
264Kb / 44P
   Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576C NXP-PCF8576C Datasheet
294Kb / 56P
   Universal LCD driver for low multiplex rates
Rev. 09-9 July 2009
PCF8576C NXP-PCF8576C Datasheet
426Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 10-22 July 2010
More results

Similar Description - PCF8576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
   Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
   Universal LCD driver for low multiplex rates
1998 May 04
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
   Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
   Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
   Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF85133 NXP-PCF85133 Datasheet
210Kb / 41P
   Universal LCD driver for low multiplex rates
Rev. 1-17 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com