Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302 Datasheet(PDF) 1 Page - GHz Technology

Part # 2302
Description  2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

2302 Datasheet(HTML) 1 Page - GHz Technology

  2302 Datasheet HTML 1Page - GHz Technology 2302 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2302
2.0 Watt - 20 Volts, Class C
Microwave 2300 MHz
GENERAL DESCRIPTION
The 2302 is a COMMON BASE transistor capable of providing 2 Watts Class
C, RF output power at 2300 MHz. Gold metalization and diffused ballasting
are used to provide high reliability and supreme ruggedness. The transistor
uses a fully hermetic High Temperature Solder Sealed package.
CASE OUTLINE
55 BT- Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
7.0 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
45 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
0.5 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
1
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 2.3 GHz
Vcb = 20 Volts
Po = 2.0Watts
As Above
F = 2.3 GHz, Po = 2.0W
2.0
8.0
40
0.3
20:1
Watt
Watt
dB
%
BVces
BVebo
h
FE
Cob
θjc
Collector to Emitter Breakdown
Emitter to Base Breakdown
Current Gain
Output Capacitance
Thermal Resistance
Ic = 10 mA
Ie = 1.0 mA
Vce = 5 V, Ic = 100 mA
F = 1.0 MHz, Vcb = 22 V
45
3.5
10
4.0
25
Volts
Volts
pF
C/W
o
Initial Issue August 1994


Similar Part No. - 2302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
SHENZHEN FUMAN ELECTRON...
2302 FUMAN-2302 Datasheet
310Kb / 2P
   20V N-Channel Enhancement MOS FET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Heyco.
2302 HEYCO-2302 Datasheet
116Kb / 1P
   Nylon Hose Clamps
logo
Bourns Electronic Solut...
2302-RC BOURNS-2302-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
GHz Technology
2301 GHZTECH-2301 Datasheet
170Kb / 3P
   1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
2304 GHZTECH-2304 Datasheet
218Kb / 4P
   4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
2307 GHZTECH-2307 Datasheet
271Kb / 4P
   7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
2324-20 GHZTECH-2324-20 Datasheet
322Kb / 3P
   20 Watts, 24 Volts, Class C Microwave 2300-2400 MHz
2324-12L GHZTECH-2324-12L Datasheet
82Kb / 2P
   12 Watts - 20 Volts, Class C Microwave 2300 - 2400 MHz
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
   20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
2223-17 GHZTECH-2223-17 Datasheet
249Kb / 3P
   1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
   1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
   1 Watt - 28 Volts, Class C Microwave 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com